Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX64C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX64C
Description  PNP SILICON DARLINGTON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX64C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX64C Datasheet HTML 1Page - Comset Semiconductor BDX64C Datasheet HTML 2Page - Comset Semiconductor BDX64C Datasheet HTML 3Page - Comset Semiconductor BDX64C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDX64 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
3 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
Fhfe
Cut-off frequency
-VCE=3 V
-IC=5 A
BDX64
-
80
-
kHz
BDX64A
BDX64B
BDX64C
fT
Transition Frequency
VCE=-3 V
IC=-5 A
f=1 MHz
BDX64
-
7
-
MHz
BDX64A
BDX64B
BDX64C
hFE
D.C. current gain (*)
-VCE=-3 V
-IC=-1 A
BDX64
-
1500
-
-
BDX64A
BDX64B
BDX64C
-VCE=-3 V
-IC=-5 A
BDX64
1000
-
-
BDX64A
BDX64B
BDX64C
-VCE=-3 V
-IC=-12 A
BDX64
-
750
-
BDX64A
BDX64B
BDX64C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - BDX64C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64C ETC-BDX64C Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Seme LAB
BDX64C SEME-LAB-BDX64C Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
Savantic, Inc.
BDX64C SAVANTIC-BDX64C Datasheet
111Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BDX64C COMSET-BDX64C Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX64C ISC-BDX64C Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BDX64C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1100 NJSEMI-2SB1100 Datasheet
183Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1102 NJSEMI-2SB1102 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
BD650 NJSEMI-BD650 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX88 NJSEMI-BDX88 Datasheet
135Kb / 2P
   Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com