Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX66A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX66A
Description  PNP SILICON DARLINGTON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX66A Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX66A Datasheet HTML 1Page - Comset Semiconductor BDX66A Datasheet HTML 2Page - Comset Semiconductor BDX66A Datasheet HTML 3Page - Comset Semiconductor BDX66A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDX66 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
-VCE(SAT)
Collector-Emitter saturation
Voltage (*)
-IC=10 A
-IB=40 mA
BDX66
-
-
2
V
BDX66A
BDX66B
BDX66C
-VBE
Base-Emitter Voltage(1&2)
-VCE=3 V
-IC=10 A
BDX66
-
-
2,5
V
BDX66A
BDX66B
BDX66C
VF
Diode forward voltage
IF=10 A
BDX66
-
2
-
V
BDX66A
BDX66B
BDX66C
C22b
IE=0 A, -VCB=-10V
f=1 MHz
-
300
-
pF
ton
Switching characteristics
VCC=12V, -IC=10 A
-IB1= IB2=40 mA
-
1
-
µs
toff
-
3.5
-
fhfe
-VCE=3 V,-IC=5 A
BDX66
-
60
-
kHz
BDX66A
BDX66B
BDX66C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - BDX66A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX66A ETC-BDX66A Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX66A COMSET-BDX66A Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Seme LAB
BDX66A SEME-LAB-BDX66A Datasheet
185Kb / 3P
   PNP DARLINGTON SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX66A NJSEMI-BDX66A Datasheet
144Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - BDX66A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1100 NJSEMI-2SB1100 Datasheet
183Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1102 NJSEMI-2SB1102 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
BD650 NJSEMI-BD650 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX88 NJSEMI-BDX88 Datasheet
135Kb / 2P
   Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com