Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KBU8B
Description  8.0 Ampere Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KBU8B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KBU8B Datasheet HTML 1Page - Fairchild Semiconductor KBU8B Datasheet HTML 2Page - Fairchild Semiconductor KBU8B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBU8A-KBU8M, Rev. A
Silicon Bridge Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
050
100
150
0
2
4
6
8
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.0 mm LEAD
LENGTHS
Non-Repetitive Surge Current
1
2
5
10
20
50
100
0
50
100
150
200
250
300
NUMBER OF CYCLES AT 60Hz
Forward Characteristics
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
0.1
1
10
100
FORWARD VOLTAGE (V)
Pulse Width = 300
µS
2% Duty Cycle
T = 25 C
º
J
T = 25 C
º
A
Reverse Characteristics
0
20406080
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 100 C
º
A
T = 25 C
º
A


Similar Part No. - KBU8B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8B PANJIT-KBU8B Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8B BILIN-KBU8B Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
logo
Vishay Siliconix
KBU8B VISHAY-KBU8B Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
America Semiconductor, ...
KBU8B AMERICASEMI-KBU8B Datasheet
583Kb / 2P
   BRIDGE RECTIFIERS
logo
Semtech Corporation
KBU8B SEMTECH-KBU8B Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU8B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A Datasheet
247Kb / 3P
   8.0 Ampere Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBU8005 THINKISEMI-GBU8005 Datasheet
865Kb / 2P
   8.0 AMPERE GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
   4.0 Ampere Silicon Bridge Rectifiers
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
KBU6A FAIRCHILD-KBU6A Datasheet
30Kb / 3P
   6.0 Ampere Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU801 TSC-KBU801 Datasheet
56Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801_1 Datasheet
169Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
SB801 TSC-SB801 Datasheet
69Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU800 JGD-KBU800 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com