Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFY90 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BFY90
Description  WIDE BAND VHF/UHF AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BFY90 Datasheet(HTML) 2 Page - Comset Semiconductor

  BFY90 Datasheet HTML 1Page - Comset Semiconductor BFY90 Datasheet HTML 2Page - Comset Semiconductor BFY90 Datasheet HTML 3Page - Comset Semiconductor BFY90 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BFX89 – BFY90
25/10/2012
COMSET SEMICONDUCTORS
2/4
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction – Case
Max
580
°C/W
RthJ-
Thermal Resistance, Junction – ambient
Max
880
°C/W
ELECTRICAL CHARACTERISTICS
Tamb = 25
°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
(IE=0)
VCB = 15V
-
-
10
nA
VCEK*
Collector-emitter Knee
Voltage
IC = 20mA
-
-
0.75
V
fT
Transition Frequency
VCE = 5V
f = 500MHZ
IC =2 mA
BFX89
-
1
-
GHz
BFY90
1
1.1
-
VCE = 5V
f = 500MHZ
IC =25 mA
BFX89
-
1.2
-
BFY90
1.3
1.4
-
hFE
DC Current Gain
IC= 2mA
VCE= 1 V
BFX89
20
-
150
-
BFY90
25
-
150
IC= 25mA
VCE= 1 V
BFX89
20
-
125
BFY90
25
-
125
CCBO(1)
Collector-base
Capacitance
IE =0
VCB = 10V
f= 1MHZ
VCE= 5
BFX89
-
-
1.7
pF
BFY90
-
-
1.5
Cre(2)
Reverse Capacitance
IC= 2mAV
f = 1MHZ
BFX89
-
0.6
-
pF
BFY90
-
0.6
0.8


Similar Part No. - BFY90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFY90 STMICROELECTRONICS-BFY90 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Seme LAB
BFY90 SEME-LAB-BFY90 Datasheet
17Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Microsemi Corporation
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Central Semiconductor C...
BFY90 CENTRAL-BFY90 Datasheet
61Kb / 1P
   Small Signal NPN Transistors / Dual Transistors
logo
Advanced Power Technolo...
BFY90 ADPOW-BFY90 Datasheet
113Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - BFY90

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
   VHF~UHF Wide Band Amplifier
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
   VHF~UHF Wide Band Amplifier
logo
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Toshiba Semiconductor
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
   VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
   VHF~UHF WIDE BAND AMPLIFIER
logo
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Hitachi Semiconductor
2SC5140 HITACHI-2SC5140 Datasheet
60Kb / 8P
   VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com