Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

232ECBNZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # 232ECBNZ
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

232ECBNZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button 232ECBNZ Datasheet HTML 5Page - Intersil Corporation 232ECBNZ Datasheet HTML 6Page - Intersil Corporation 232ECBNZ Datasheet HTML 7Page - Intersil Corporation 232ECBNZ Datasheet HTML 8Page - Intersil Corporation 232ECBNZ Datasheet HTML 9Page - Intersil Corporation 232ECBNZ Datasheet HTML 10Page - Intersil Corporation 232ECBNZ Datasheet HTML 11Page - Intersil Corporation 232ECBNZ Datasheet HTML 12Page - Intersil Corporation 232ECBNZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN4315.16
November 4, 2005
TIMING CHARACTERISTICS
Output Enable Time, tEN
HIN206E, HIN211E, HIN213E
-
600
-
ns
Output Disable Time, tDIS
HIN206E, HIN211E, HIN213E
-
200
-
ns
Transmitter, Receiver Propagation Delay, tPD
HIN213E SD = 0V, R4, R5
-
4.0
40
µs
HIN213E SD = VCC, R1 - R5
-
0.5
10
µs
All except HIN213E
-
0.5
10
µs
Transition Region Slew Rate, SRT
RL = 3kΩ, CL = 1000pF Measured from +3V to -3V
or -3V to +3V, 1 Transmitter Switching (Note 2)
320
45
V/
µs
TRANSMITTER OUTPUTS
Output Voltage Swing, TOUT
Transmitter Outputs, 3k
Ω to Ground
±5
±9
±10
V
Output Resistance, TOUT
VCC = V+ = V- = 0V, VOUT = ±2V
300
-
-
RS-232 Output Short Circuit Current, ISC
TOUT Shorted to GND
-
±10
-
mA
ESD PERFORMANCE
RS-232 Pins
(TOUT, RIN)
Human Body Model
-
±15
-
kV
IEC61000-4-2 Contact Discharge
-
±8-
kV
IEC61000-4-2 Air Gap (Note 3)
-
±15
-
kV
All Other Pins
Human Body Model
-
±2-
kV
NOTES:
2. Guaranteed by design.
3. Meets Level 4.
Test Circuits (HIN232E)
FIGURE 1. GENERAL TEST CIRCUIT
FIGURE 2. POWER-OFF SOURCE RESISTANCE
CONFIGURATION
Electrical Specifications
Test Conditions: VCC = +5V ±10%, (VCC = +5V ±5% HIN207E); C1-C4 = 0.1µF; TA = Operating Temperature
Range (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
+4.5V TO
+5.5V INPUT
3k
T1 OUTPUT
RS-232
±30V INPUT
TTL/CMOS OUTPUT
TTL/CMOS INPUT
TTL/CMOS INPUT
TTL/CMOS OUTPUT
+
-
0.1
µF
C3
+
-
0.1
µF
C1
+
-
0.1
µF
C2
0.1
µF C4
3k
OUTPUT
RS-232
±30V INPUT
T2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
T2OUT
T1OUT
VIN = ±2V
A
ROUT = VIN/I
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E


Similar Part No. - 232ECBNZ

ManufacturerPart #DatasheetDescription
logo
Protek Devices
232E PROTEC-232E Datasheet
126Kb / 3P
   INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232E PROTEC-232E Datasheet
437Kb / 5P
   INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232E PROTEC-232E Datasheet
439Kb / 5P
   INDUSTRIAL COMPUTER DATA LINE PROTECTOR
More results

Similar Description - 232ECBNZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com