Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6J Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KBU6J
Description  6.0 Ampere Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KBU6J Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KBU6J Datasheet HTML 1Page - Fairchild Semiconductor KBU6J Datasheet HTML 2Page - Fairchild Semiconductor KBU6J Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBU6A-KBU6M, Rev. A
Silicon Bridge Rectifiers
(continued)
Typical Characteristics
Reverse Characteristics
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 100 C
º
A
T = 25 C
º
A
Forward Characteristics
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
0.1
1
10
100
FORWARD VOLTAGE (V)
Pulse Width = 300
µS
1% Duty Cycle
T = 25 C
º
J
T = 25 C
º
A
Non-Repetitive Surge Current
1
2
5
10
20
50
100
25
50
75
100
125
150
175
200
NUMBER OF CYCLES AT 60Hz
Forward Current Derating Curve
050
100
150
0
2
4
6
8
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.0 mm LEAD
LENGTHS


Similar Part No. - KBU6J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU6J PANJIT-KBU6J Datasheet
124Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU6J BILIN-KBU6J Datasheet
131Kb / 3P
   Silicon Bridge Rectifiers
logo
DAESAN ELECTRONIC CORP.
KBU6J DAESAN-KBU6J Datasheet
228Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU6J KISEMICONDUCTOR-KBU6J Datasheet
61Kb / 2P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Semtech Corporation
KBU6J SEMTECH-KBU6J Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU6J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GBU6A FAIRCHILD-GBU6A Datasheet
858Kb / 3P
   6.0 Ampere Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBU6005 THINKISEMI-GBU6005 Datasheet
391Kb / 2P
   6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBU10005 THINKISEMI-GBU10005 Datasheet
890Kb / 2P
   6.0 AMPERE GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
   4.0 Ampere Silicon Bridge Rectifiers
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
KBU8A FAIRCHILD-KBU8A Datasheet
30Kb / 3P
   8.0 Ampere Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com