Electronic Components Datasheet Search |
|
KA7915A Datasheet(PDF) 6 Page - Fairchild Semiconductor |
|
KA7915A Datasheet(HTML) 6 Page - Fairchild Semiconductor |
6 / 18 page KA79XX/KA79XXA 6 Electrical Characteristics (KA7910) (Continued) (VI = -17V, IO = 500mA, 0 °C ≤TJ ≤ +125°C, CI =2.2µF, CO =1µF, unless otherwise specified.) Note 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty is used. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = +25 °C -9.6 -10 -10.4 V IO = 5mA to 1A, PO ≤ 15W VI = -12V to -28 -9.5 -10 -10.5 Line Regulation (Note1) ∆VO TJ = +25 °C VI = -12.5V to -28V - 12 200 mV VI = -14V to -20V - 6 100 Load Regulation (Note1) ∆VO TJ = +25 °C, IO = 5mA to 1.5A - 12 200 mV TJ = +25 °C, IO = 250mA to 750mA - 4 100 Quiescent Current IQ TJ = +25 °C- 3 6 mA Quiescent Current Change ∆IQ IO = 5mA to 1A - 0.05 0.5 mA VI = -12.5 to -28V - 0.1 1 Temperature Coefficient of VO ∆Vo/∆TIO = 5mA - -1 - mV/ °C Output Noise Voltage VN 10Hz ≤ f ≤ 100kHz, TA = +25°C - 280 - µV Ripple Rejection RR f = 120Hz, ∆VI = 10V 54 60 - dB Dropout Voltage VD TJ = +25 °C, IO = 1A - 2 - V Short Circuit Current ISC TJ = +25 °C, VI = -35V - 300 - mA Peak Current IPK TJ = +25 °C- 2.2 - A |
Similar Part No. - KA7915A |
|
Similar Description - KA7915A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |