Electronic Components Datasheet Search |
|
KBU8J Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
KBU8J Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 3 page KBU8A-KBU8M, Rev. A KBU8A - KBU8M 8.0 Ampere Silicon Bridge Rectifiers Absolute Maximum Ratings* T A = 25°C unless otherwise noted Electrical Characteristics T A = 25°C unless otherwise noted ©1999 Fairchild Semiconductor Corporation Features • High surge current capability. • Reliable construction technique. • Ideal for printed circuit board. Parameter Device Units 8A 8B 8D 8G 8J 8K 8M Peak Repetitive Reverse Voltage 50 100 200 400 600 800 1000 V Maximum RMS Bridge Input Voltage 35 70 140 280 420 560 700 V DC Reverse Voltage (Rated VR) 50 100 200 400 600 800 1000 V Maximum Reverse Leakage, total bridge @ rated VR TA = 25 °C TA = 100 °C 10 500 µA µA Maximum Forward Voltage Drop, per bridge @ 8.0 A 1.0 V Symbol Parameter Value Units IO Average Rectified Current @ TA = 50 °C 8.0 A if(surge) Peak Forward Surge Current 300 A PD Total Device Dissipation Derate above 25 °C 6.9 55 W mW/ °C RθJA Thermal Resistance, Junction to Ambient,** per leg 18 °C/W RθJL Thermal Resistance, Junction to Lead,** per leg 3.0 °C/W Tstg Storage Temperature Range -55 to +150 °C TJ Operating Junction Temperature -55 to +150 °C Dimensions are in: inches (mm) KBU 0.165(4.2) 0.150(3.8) 0.280(7.1) 0.260(6.6) 0.052(1.3) 0.048(1.2) ~ ~ + + 45° 0.935(23.7) 0.895(22.7) 0.0760(19.3) MAX 0.70(17.8) 0.66(16.8) 0.455(11.3) 0.405(10.3) 0.085(2.2) 0.065(1.7) 0.260(6.8) 0.180(4.5) 0.220(5.6) 0.180(4.6) 0.16(4.1) 0.14(3.6) + – 1.0(2.54) MIN *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on PCB with 0.375 " (9.5 mm) lead length and 0.5 x 0.5" (13 x 13 mm) copper pads. Discrete POWER & Signal Technologies |
Similar Part No. - KBU8J |
|
Similar Description - KBU8J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |