Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8K Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KBU8K
Description  8.0 Ampere Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KBU8K Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KBU8K Datasheet HTML 1Page - Fairchild Semiconductor KBU8K Datasheet HTML 2Page - Fairchild Semiconductor KBU8K Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBU8A-KBU8M, Rev. A
KBU8A - KBU8M
8.0 Ampere Silicon Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1999 Fairchild Semiconductor Corporation
Features
High surge current capability.
Reliable construction technique.
Ideal for printed circuit board.
Parameter
Device
Units
8A
8B
8D
8G
8J
8K
8M
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Leakage,
total bridge @ rated VR TA = 25
°C
TA = 100
°C
10
500
µA
µA
Maximum Forward Voltage Drop,
per bridge
@ 8.0 A
1.0
V
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TA = 50
°C
8.0
A
if(surge)
Peak Forward Surge Current
300
A
PD
Total Device Dissipation
Derate above 25
°C
6.9
55
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient,** per leg
18
°C/W
RθJL
Thermal Resistance, Junction to Lead,** per leg
3.0
°C/W
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Dimensions are in: inches (mm)
KBU
0.165(4.2)
0.150(3.8)
0.280(7.1)
0.260(6.6)
0.052(1.3)
0.048(1.2)
~
~
+
+
45°
0.935(23.7)
0.895(22.7)
0.0760(19.3)
MAX
0.70(17.8)
0.66(16.8)
0.455(11.3)
0.405(10.3)
0.085(2.2)
0.065(1.7)
0.260(6.8)
0.180(4.5)
0.220(5.6)
0.180(4.6)
0.16(4.1)
0.14(3.6)
+
1.0(2.54)
MIN
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on PCB with 0.375 " (9.5 mm) lead length and 0.5 x 0.5" (13 x 13 mm) copper pads.
Discrete POWER & Signal
Technologies


Similar Part No. - KBU8K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8K PANJIT-KBU8K Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8K BILIN-KBU8K Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
logo
Vishay Siliconix
KBU8K VISHAY-KBU8K Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
America Semiconductor, ...
KBU8K AMERICASEMI-KBU8K Datasheet
593Kb / 2P
   BRIDGE RECTIFIERS
logo
Semtech Corporation
KBU8K SEMTECH-KBU8K Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU8K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A Datasheet
247Kb / 3P
   8.0 Ampere Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBU8005 THINKISEMI-GBU8005 Datasheet
865Kb / 2P
   8.0 AMPERE GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
   4.0 Ampere Silicon Bridge Rectifiers
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
KBU6A FAIRCHILD-KBU6A Datasheet
30Kb / 3P
   6.0 Ampere Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU801 TSC-KBU801 Datasheet
56Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801_1 Datasheet
169Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
SB801 TSC-SB801 Datasheet
69Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU800 JGD-KBU800 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com