Electronic Components Datasheet Search |
|
E205L3D1ZSE Datasheet(PDF) 3 Page - C&K Components |
|
E205L3D1ZSE Datasheet(HTML) 3 Page - C&K Components |
3 / 8 page F–19 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F E Series Sealed Miniature Toggle Switches SWITCH FUNCTION ACTUATOR BUSHING ? Gloss plastic Chrome finish * * * 1/4-40 UNS-2A PANEL MOUNTING 3PDT 2-1,5-4,8-7 N/A 2-3,5-6,8-9 ON NONE ON E301 3P SCHEMATIC CONNECTED TERMINALS POS. 1 POS. 2 POS. 3 SWITCH FUNCTION POS. 1 POS. 2 POS. 3 MODEL NO. NO. POLES C&K marking on opposite side C&K marking on opposite side Terminal Nos. For Reference Only 3PDT Part number shown: E301SD1CBE MOM. = Momentary All models with all options when ordered with G, R, Q or S contact material except with F1 conductive bushing. ** Wiring for 3-way switch, see Section N. * Actuators shown with standard D1 bushing. Subtract .030 (0,76) for D9 bushing. Subtract .100 (2,54) for Y bushing. Standard when ordered with A, A3, AV2, AV3, V2-V61 terminations. Finish: Chrome. E3XX models not available with D9 bushing. NOTE: Internal o-ring actuator seal standard for all bushing options. Standard when ordered with C, Z, Z3, W & W4 terminations. Finish: Chrome Other colors available, consult Customer Service Center. No color choice required for S & M actuators. ESD protection depends on proper grounding of switch support bracket. F1 conductive bushing option is impregnated with carbon fibers; dissipates electrostatic discharge (ESD) up to 20,000 V from actuator to ground. Available with M & S actuator options and A, A3, AV2, AV3, V3-V61 termination options. Available only with C, Z, Z3, & W terminations. Available for 1&2 pole only. Hardware: One dress nut part number 299D01201, one hex nut part number 540400201 and lockwasher part number 700303202 supplied standard. Will withstand 4 in.-lbs. of torque with no distortion. M .300" HIGH S .500" HIGH L3 PLASTIC, .940" HIGH D1 .250" HIGH, UNTHREADED F1 ESD CONDUCTIVE BUSHING, .250" HIGH, UNTHREADED D9 .280" HIGH, UNTHREADED Y THREADED, INSULATED, .350" HIGH WITH KEYWAY L3 ACTUATOR COLOR OPTION CODE ACTUATOR COLOR ACTUATOR F1 bushing is not UL/CSA approved 2 BLACK |
Similar Part No. - E205L3D1ZSE |
|
Similar Description - E205L3D1ZSE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |