Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC30-2403SFP-E Datasheet(PDF) 2 Page - TDK Electronics

Part # CC30-2403SFP-E
Description  Ultra Compact, 15W to 30W Single Output DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC30-2403SFP-E Datasheet(HTML) 2 Page - TDK Electronics

  CC30-2403SFP-E Datasheet HTML 1Page - TDK Electronics CC30-2403SFP-E Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
16
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A3: Nov 2011
CCP-E Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/cc-series.htm
Outline Drawing CC15-xxxxSFP-E
17
16
15
14
13
12
11
10
9
8
2
1
3
4
5
6
7
1 pin mark
Logo mark
Model name
Lot.No
Production country
37.6
1±0.1
2.54±0.3
6.8MAX
38.4
3.5
CC-E
1.5 - 30W, 1 to 2 outputs, 5 to 48VDC input
PX
10 - 60W, 1 to 3 outputs, 12V, 24V, 48VDC input
Other Industrial Products
Output
Output
Max O/P
Volt.(V)
Curr.(A)
Pwr (W)
24V Input
48V Input
3.3
4.5
15
CC15-2403SFP-E
CC15-4803SFP-E
3.3
9
30
CC30-2403SFP-E
CC30-4803SFP-E
5
3
15
CC15-2405SFP-E
CC15-4805SFP-E
5
6
30
CC30-2405SFP-E
CC30-4805SFP-E
12
1.25
15
CC15-2412SFP-E
CC15-4812SFP-E
12
2.5
30
CC30-2412SFP-E
CC30-4812SFP-E
15
1
15
CC15-2415SFP-E
CC15-4815SFP-E
15
2
30
CC30-2415SFP-E
CC30-4815SFP-E
Model Selector
Version
PIN
Case
CCxx-yyyySFP-E
Through hole
Yes
CCxx-yyyySFH-E
Through hole
No
CCxx-yyyySRP-E
SMT
Yes
CCxx-yyyySRH-E
SMT
No
Where xx is output power & yyyy is input and output voltage
combination. Shaded line is Preferred model
Options
Outline Drawing CC30-xxxxSRP-E
1 pin mark
Logo mark
Model name
Lot.No
Production country
Coplanarity within 0.1
39.9±0.6
1.3±0.3
8.3MAX
38.4
17
16
15
14
13
12
11
10
9
8
2
1
3
4
5
6
7


Similar Part No. - CC30-2403SFP-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC30-2403SFP-E TDK-CC30-2403SFP-E Datasheet
200Kb / 2P
   DC-DC Converters
More results

Similar Description - CC30-2403SFP-E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
MicroPower Direct, LLC
MR1511S MPD-MR1511S Datasheet
859Kb / 4P
   Ultra-Wide Input, 15W Compact, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com