Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCR4.91MUC8T Datasheet(PDF) 2 Page - TDK Electronics

Part # CCR4.91MUC8T
Description  Ceramic ResonatorsSMD CCR Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCR4.91MUC8T Datasheet(HTML) 2 Page - TDK Electronics

  CCR4.91MUC8T Datasheet HTML 1Page - TDK Electronics CCR4.91MUC8T Datasheet HTML 2Page - TDK Electronics CCR4.91MUC8T Datasheet HTML 3Page - TDK Electronics CCR4.91MUC8T Datasheet HTML 4Page - TDK Electronics CCR4.91MUC8T Datasheet HTML 5Page - TDK Electronics CCR4.91MUC8T Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(2/6)
004-04 / 20090305 / ef31_ccr.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERNS
MUC8 TYPE
MXC8 TYPE
FUNDAMENTAL WAVE MODE: 4.0 to 7.99MHz/
FUNDAMENTAL WAVE MODE: 8.0 to 11.00MHz/
BUILT-IN LOAD CAPACITY
BUILT-IN LOAD CAPACITY
MUC8 TYPE
• These are representative characteristics. Oscillating frequencies and built-in load capacity values other than these shown here can be supported.
±0.5% is standard. Also available for custom made, please contact TDK.
MXC8 TYPE
• These are representative characteristics. Oscillating frequencies and built-in load capacity values other than these shown here can be supported.
±0.5% is standard. Also available for custom made, please contact TDK.
Part No.
Oscillating frequency Fosc
(MHz)
Resonant impedance Z0
(
Ω)max.
Initial Fosc tolerance
(%)max.
Built-in load capacity(pF) T
(mm)max.
CL1
CL2
CCR4.0MUC8T
4.000
40
±0.5/0.3
27
27
1.1
CCR4.19MUC8T
4.194
40
±0.5/0.3
27
27
1.1
CCR4.91MUC8T
4.915
40
±0.5/0.3
27
27
1.1
CCR5.0MUC8T
5.000
40
±0.5/0.3
27
27
1.1
CCR6.0MUC8T
6.000
40
±0.5/0.3
27
27
1.1
Part No.
Oscillating frequency Fosc
(MHz)
Resonant impedance Z0
(
Ω)max.
Initial Fosc tolerance
(%)max.
Built-in load capacity(pF) T
(mm)max.
CL1
CL2
CCR8.0MXC8T
8.000
40
±0.5/0.3
18
18
0.8
CCR8.38MXC8T
8.380
40
±0.5/0.3
18
18
0.8
CCR10.0MXC8T
10.000
40
±0.5/0.3
18
18
0.8
CCR11.0MXC8T
11.000
40
±0.5/0.3
18
18
0.8
1.5
±0.1
1.5
±0.1
(0.8)
(0.6)
(0.6)
(0.6)
(0.8)
(0.8)
0.8±0.1
0.8±0.1
0.8±0.1
4.0
±0.15
∗∗∗
Dimensions in mm
(0.6)
(0.6)
(0.6)
(0.5)
(0.5)
(0.5)
(0.6)
(0.6)
(0.6)
3.2
±0.15
∗∗∗
Dimensions in mm
1.2
±0.1 1.2±0.1
1.5
±0.1
1.5
±0.1
0.8±0.1
0.8±0.1
0.8±0.1
1.2
±0.1 1.2±0.1
0.6±0.1 0.6±0.1
0.6±0.1
LINE
LINE
GND
LINE
LINE
GND


Similar Part No. - CCR4.91MUC8T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCR4.91MUC8T TDK-CCR4.91MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
More results

Similar Description - CCR4.91MUC8T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33M TELEDYNE-CCR-33M Datasheet
486Kb / 7P
   CCR-33SXC
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
   AB-C5-CCR-SH
17.09.2018
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
   EPIC DATA CCR FA
17.09.2018
logo
List of Unclassifed Man...
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
   Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
logo
Shenzhen Luguang Electr...
LTCA10.7MS3 LUGUANG-LTCA10.7MS3 Datasheet
268Kb / 5P
   Ceramic Filter Series
LT10.7MA20 LUGUANG-LT10.7MA20 Datasheet
224Kb / 5P
   Ceramic Filter Series
LT10.7MS2A10 LUGUANG-LT10.7MS2A10 Datasheet
247Kb / 5P
   Ceramic Filter Series
LT10.7MS3A10 LUGUANG-LT10.7MS3A10 Datasheet
158Kb / 3P
   Ceramic Filter Series
logo
Vanlong Technology Co.,...
JT-M VANLONG-JT-M Datasheet
22Kb / 1P
   JT_M Series Ceramic Discriminator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com