Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA5002AC1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # INA5002AC1
Description  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INA5002AC1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  INA5002AC1 Datasheet HTML 1Page - Isahaya Electronics Corporation INA5002AC1 Datasheet HTML 2Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INA5002AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON PNP EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
PRELIMINARY
Notice:This is not a final specification
Some parametric are subject to change.
DESCRIPTION
INA5002AC1 is a silicon PNP epitaxial transistor designed for
relay drive or Power supply application.
FEATURE
・Super mini package for easy mounting
・High voltage V
CEO=-60V
・High collector current I
C=-3A
・Low collector saturation voltage
(V
CE(sat)<-0.6Vmax;IC=-3A、IB=-300mA)
APPLICATION
DC/DC convertor, Relay drive, Moter drive
OUTLINE DRAWING
UNIT:mm
MAXIMUM RATING(Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
V
CEO
Collector to Emitter voltage
-80
V
V
EBO
Emitter to Base voltage
-6
V
V
CBO
Collector to Base voltage
-60
V
I
C
Collector current
-3
A
I
CM
Peak collector current
-6
P
C
Collector dissipation(Ta=25℃)
200
mW
T
j
Junction temperature
+150
T
stg
Storage temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25℃)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
V
(BR)CBO
C to B break down voltage
I
C=-100μA,I E=0mA
-80
-
-
V
V
(BR)EBO
E to B break down voltage
I
E=-100μA,I C=0mA
-6
-
-
V
V
(BR)CEO
C to E break down voltage
I
C=-1mA,R BE=∞
-60
-
-
V
I
CBO
Collector cut off current
V
CB=-60V,I E =0mA
-
-
-1.0
μA
I
EBO
Emitter cut off current
V
EB=-4V,I C=0mA
-
-
-1.0
μA
FE
DC forward current gain
V
CE=-2V,I C=-0.5A
100
-
300
-
V
CE(sat)
C to E saturation voltage
I
C=-3A,I B=-300mA
-
-
-0.5
V
f
T
Gain bandwidth product
V
CE=-5V,I E=100mA,f=100MHz
-
150
-
MHz
Cob
Collector output capacitance
V
CB=-10V,I E=0mA,f=1MHz
-
25
-
pF
MARKING
A E K
Type Name
JEITA:SC-59
JEDEC: Similar to TO-236
Terminal Connector
①:Base
②:Emitter
③:Collector
0.65
1.5
0.65
2.8


Similar Part No. - INA5002AC1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INA5002AP1 ISAHAYA-INA5002AP1 Datasheet
136Kb / 4P
   For low frequency power amplify Silicon PNP Epitaxial
More results

Similar Description - INA5002AC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1530A ETC-2SA1530A Datasheet
92Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
INA6005AP1 ISAHAYA-INA6005AP1 Datasheet
118Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AP1 ISAHAYA-INA6006AP1 Datasheet
169Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AS1 ISAHAYA-INA6006AS1 Datasheet
166Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
2SA1603 ISAHAYA-2SA1603 Datasheet
212Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA5001AP1 ISAHAYA-INA5001AP1 Datasheet
158Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1530AC1 ISAHAYA-ISA1530AC1_13 Datasheet
172Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1989AU1 ISAHAYA-ISA1989AU1_10 Datasheet
85Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6001AP1 ISAHAYA-INA6001AP1 Datasheet
117Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2026 ISAHAYA-2SA2026_10 Datasheet
94Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com