Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0636JPD Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK0636JPD
Description  60 V - 25 A - N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0636JPD Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK0636JPD_12 Datasheet HTML 1Page - Renesas Technology Corp RJK0636JPD_12 Datasheet HTML 2Page - Renesas Technology Corp RJK0636JPD_12 Datasheet HTML 3Page - Renesas Technology Corp RJK0636JPD_12 Datasheet HTML 4Page - Renesas Technology Corp RJK0636JPD_12 Datasheet HTML 5Page - Renesas Technology Corp RJK0636JPD_12 Datasheet HTML 6Page - Renesas Technology Corp RJK0636JPD_12 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK0636JPD
Preliminary
R07DS0365EJ0200 Rev.2.00
Page 5 of 6
Aug 29, 2012
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
0
ID
VDS
IAP
V (BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
Avalanche Test Circuit
Avalanche Waveform
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Vin Monitor
D.U.T.
Vin
10 V
RL
VDS
= 30 V
Vout
Monitor
Rg
D = 1
0.05
10
μ
100
μ
1 m
10 m
100 m
10
1
0.1
0.001
0.01
0.2
0.1
0.5
0.01
1shot
pulse
0.02
P
DM
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 5°C/W, Tc = 25°C


Similar Part No. - RJK0636JPD_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0636JPD RENESAS-RJK0636JPD_15 Datasheet
96Kb / 7P
   60 V - 25 A - N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0636JPD_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0636JPD RENESAS-RJK0636JPD_15 Datasheet
96Kb / 7P
   60 V - 25 A - N Channel Power MOS FET High Speed Power Switching
RJK0631JPR RENESAS-RJK0631JPR_15 Datasheet
99Kb / 7P
   60 V - 30 A - N Channel Power MOS FET High Speed Power Switching
RJK0631JPR RENESAS-RJK0631JPR Datasheet
99Kb / 7P
   60 V - 30 A - N Channel Power MOS FET High Speed Power Switching
RJK0628JPE RENESAS-RJK0628JPE_15 Datasheet
105Kb / 7P
   60 V - 160 A - N Channel MOS FET High Speed Power Switching
RJK0629JPE RENESAS-RJK0629JPE_15 Datasheet
101Kb / 7P
   60 V - 85 A - Silicon N Channel MOS FET High Speed Power Switching
RJK0632JPD RENESAS-RJK0632JPD_15 Datasheet
102Kb / 7P
   60 V, 20 A Silicon N Channel MOS FET High Speed Power Switching
RJK0629JPE RENESAS-RJK0629JPE Datasheet
101Kb / 7P
   60 V - 85 A - Silicon N Channel MOS FET High Speed Power Switching
RJF0608JSP RENESAS-RJF0608JSP_15 Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
RJF0624JSP RENESAS-RJF0624JSP Datasheet
225Kb / 7P
   60 V 3 A N Channel MOS FET Power Switching
Sep. 27, 2022
RJF0613JSP RENESAS-RJF0613JSP Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com