Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3000 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC3000
Description  SimpleLink Wi-Fi CC3000 Module from Texas Instruments
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000 Datasheet(HTML) 2 Page - Texas Instruments

  CC3000 Datasheet HTML 1Page - Texas Instruments CC3000 Datasheet HTML 2Page - Texas Instruments CC3000 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-May-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
CC3000MOD
ACTIVE
46
84
TBD
Call TI
Call TI
-20 to 70
CC3000MODR
ACTIVE
46
1200
TBD
Call TI
Call TI
-20 to 70
XCC3000MOD
PREVIEW
46
TBD
Call TI
Call TI
-20 to 70
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - CC3000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000 TI1-CC3000 Datasheet
1Mb / 19P
[Old version datasheet]   Module ??Wi-Fi 802.11b/g Network Processor
CC3000-TIWI-SL TI1-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   2SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
More results

Similar Description - CC3000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
[Old version datasheet]   TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com