Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CK45-B3FD332KYNA Datasheet(PDF) 2 Page - TDK Electronics

Part # CK45-B3FD332KYNA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead General use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-B3FD332KYNA Datasheet(HTML) 2 Page - TDK Electronics

  CK45-B3FD332KYNA Datasheet HTML 1Page - TDK Electronics CK45-B3FD332KYNA Datasheet HTML 2Page - TDK Electronics CK45-B3FD332KYNA Datasheet HTML 3Page - TDK Electronics CK45-B3FD332KYNA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1/3)
003-02 / 20110711 / e413_ck45.fm
• All specifications are subject to change without notice.
Mid-high Voltage Ceramic Capacitors(Disk with Lead)
General Use CK45 Series
FEATURES
• High voltage ceramic capacitors series higher reliability has
been achieved through the use of TDK original dielectric and
copper for electrode material due to nice matching of the
ceramic dielectrics material for copper for electrode.
• These products shall conform to RoHS Directive due to lead(Pb)
free of lead wire and internal solder material.
• This product is compatible with halogen-free external resin
coating (we recommend halogen-free products as standard).
OPERATING TEMPERATURE RANGE: –25 to +105°C
(The maximum operating temperature of 105°C includes capacitor
self-generated heat of up to 20°C.)
PRODUCT IDENTIFICATION
(1) Type
(2) Shape
(3) Capacitance temperature characteristics
(4) Rated voltage
(5) Nominal capacitance
(6) Capacitance tolerance
(7) Class
(8) Lead type
(9) General use
(10) Halogen-free compatible product
CAPACITANCE TEMPERATURE CHARACTERISTICS
AND TOLERANCE
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: B(±10%)
RATED VOLTAGE Edc: 1kV
: Lead shape symbol
• 1kV and 2kV are E6 series standard products in Temperature characteristics B.
RATED VOLTAGE Edc: 2kV
: Lead shape symbol
• 1kV and 2kV are E6 series standard products in Temperature characteristics B.
Conformity to RoHS Directive
CK 45
-B 3AD 102
K
Y
N
N
A
(1) (2) (3)
(4)
(5)
(6) (7) (8) (9) (10)
Temperature characteristics
Test temperature
range
Capacitance
tolerance
B(±10%)
–25 to +85°C
K(±10%)
E(+20, –55%)
–25 to +85°C
Z(+80, –20%)
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-B3AD101KY
NA
CK45-B3AD101KY
N
100
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD151KY
NA
CK45-B3AD151KY
N
150
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD221KY
NA
CK45-B3AD221KY
N
220
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD331KY
NA
CK45-B3AD331KY
N
330
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD471KY
NA
CK45-B3AD471KY
N
470
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD681KY
NA
CK45-B3AD681KY
N
680
5.5
5.0
7.5±1.5
0.6±0.05
V2
CK45-B3AD102KY
NA
CK45-B3AD102KY
N
1,000
6.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD152KY
NA
CK45-B3AD152KY
N
1,500
7.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD222KY
NA
CK45-B3AD222KY
N
2,200
8.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD332KY
NA
CK45-B3AD332KY
N
3,300
9.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD472KY
NA
CK45-B3AD472KY
N
4,700
11.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3AD682KY
NA
CK45-B3AD682KY
N
6,800
13.0
5.0
7.5±1.5
0.6±0.05
V2
CK45-B3AD103KY
NA
CK45-B3AD103KY
N
10,000
15.0
5.0
7.5±1.5
0.6±0.05
V3
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-B3DD101KY
NA
CK45-B3DD101KY
N
100
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD151KY
NA
CK45-B3DD151KY
N
150
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD221KY
NA
CK45-B3DD221KY
N
220
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD331KY
NA
CK45-B3DD331KY
N
330
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD471KY
NA
CK45-B3DD471KY
N
470
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD681KY
NA
CK45-B3DD681KY
N
680
6.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD102KY
NA
CK45-B3DD102KY
N
1,000
7.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD152KY
NA
CK45-B3DD152KY
N
1,500
8.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD222KY
NA
CK45-B3DD222KY
N
2,200
10.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-B3DD332KY
NA
CK45-B3DD332KY
N
3,300
11.5
5.0
7.5±1.5
0.6±0.05
V2
CK45-B3DD472KY
NA
CK45-B3DD472KY
N
4,700
14.0
5.0
7.5±1.5
0.6±0.05
V2
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CK45-B3FD332KYNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3FD332KYNN TDK-CK45-B3FD332KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
More results

Similar Description - CK45-B3FD332KYNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CK45-B3DD102KYNN TDK-CK45-B3DD102KYNN Datasheet
85Kb / 4P
   Disk type with lead General use
CK45-RR TDK-CK45-RR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com