Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH36W-14S-03SHW Datasheet(PDF) 5 Page - Hirose Electric

Part # FH36W-14S-03SHW
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36W-14S-03SHW Datasheet(HTML) 5 Page - Hirose Electric

  FH36W-14S-03SHW Datasheet HTML 1Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 2Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 3Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 4Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 5Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 6Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 7Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 8Page - Hirose Electric FH36W-14S-03SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Copper foil
Cover adhesive
Covering film layer
Reinforcement material adhesive
Stiffener
sRecommended FPC construction
1. Using Single-sided FPC
2. Using Double-sided FPC
3.Precautions
Material Name
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Material
Material Thickness
(µm)
Cu
1oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
Polyamide 3 mil thick
Total
0.2µm thick gold plated over 1 to 5µm
thick nickel underplating
Covering film layer
Cover adhesive
Polyamide
1 mil thick.
3
35
25
25
40
75
203
(25)
(25)
Covering layer film
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Cu
1/2oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
Polyamide
1 mil thick
Total
(18)
25
25
25
25
197
Polyamide
1 mil thick
Cu
Cu
1/2oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
(25)
(25)
3
15
18
18
25
18
Material Name
Material
Material Thickness
(µm)
* To prevent release of the FPC due to its bending, use of the double sided FPC with copper foil on the back side is NOT RECOMMENDED.
1. This specification is a recommendation for the construction of the FH36 Series FPC (t=0.2
± 0.03)
2. For details about the construction, please contact the FPC manufacturers.
Connecting side
Back side
Connecting side
Back side
0.2µm thick gold plated over 1 to 5µm
thick nickel underplating
qContact FPC manufacturer for specific details.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH36W-14S-03SHW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH3 GOOD-ARK-FH3 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH3-04S-1.25DS HIROSE-FH3-04S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-04S-1.25DSA HIROSE-FH3-04S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DS HIROSE-FH3-06S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DSA HIROSE-FH3-06S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
More results

Similar Description - FH36W-14S-03SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com