Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAQ5283-50YME Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MAQ5283-50YME
Description  120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAQ5283-50YME Datasheet(HTML) 4 Page - Micrel Semiconductor

  MAQ5283-50YME Datasheet HTML 1Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 2Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 3Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 4Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 5Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 6Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 7Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 8Page - Micrel Semiconductor MAQ5283-50YME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MAQ5283
October 2012
4
M9999-100912-A
Typical Characteristics
0
2
4
6
8
10
12
0
20406080
100
12
INPUT VOLTAGE (V)
Quiescent Supply Current
vs. Input Voltage
0
VOUT = 5V
IOUT = 0
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Quiescent Supply Current
vs. Temperature
VIN = 12V
VOUT = 1.23V
IOUT = 0mA
4.998
4.999
5.000
5.001
5.002
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
VOUT = 5V
IOUT = 100µA
4.90
4.95
5.00
5.05
5.10
0
25
50
75
100
125
150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = 12V
VOUT = 5V
4.85
4.90
4.95
5.00
5.05
5.10
5.15
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Output Voltage
vs. Temperature
VIN = 12V
VOUT = 5V
IOUT = 100µA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
255075
100
125
150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VOUT = 5V
0
1
2
3
4
-50
-25
0
255075
100
125
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
VOUT = 5V
IOUT = 150mA
0
4
8
12
16
20
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Feedback Pin Current
vs. Temperature
VIN = 12V
VFB = 1.228V
IOUT = 0
0
2
4
6
8
10
0
2040
6080
100
12
INPUT VOLTAGE (V)
Feedback Pin Current
vs. Input Voltage
0
VFB = 1.228V


Similar Part No. - MAQ5283-50YME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5280YME MICREL-MAQ5280YME Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281-3.3YMME MICREL-MAQ5281-3.3YMME Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MAQ5283-50YME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20049 MPS-MP20049 Datasheet
285Kb / 11P
   Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com