Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23164 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC23164
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23164 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC23164 Datasheet HTML 6Page - Micrel Semiconductor MIC23164 Datasheet HTML 7Page - Micrel Semiconductor MIC23164 Datasheet HTML 8Page - Micrel Semiconductor MIC23164 Datasheet HTML 9Page - Micrel Semiconductor MIC23164 Datasheet HTML 10Page - Micrel Semiconductor MIC23164 Datasheet HTML 11Page - Micrel Semiconductor MIC23164 Datasheet HTML 12Page - Micrel Semiconductor MIC23164 Datasheet HTML 13Page - Micrel Semiconductor MIC23164 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
10
Revision 2.0
Functional Characteristics (Continued)


Similar Part No. - MIC23164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2310 MICREL-MIC2310 Datasheet
488Kb / 34P
   Single-FET, Constant Power-Limit Hot Swap Controller
MIC2310-1ZTS MICREL-MIC2310-1ZTS Datasheet
488Kb / 34P
   Single-FET, Constant Power-Limit Hot Swap Controller
MIC2310-2ZTS MICREL-MIC2310-2ZTS Datasheet
488Kb / 34P
   Single-FET, Constant Power-Limit Hot Swap Controller
MIC2310 MICREL-MIC2310_08 Datasheet
488Kb / 34P
   Single-FET, Constant Power-Limit Hot Swap Controller
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
More results

Similar Description - MIC23164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
   3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
   4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
   3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
Micrel Semiconductor
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com