Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216X7R1E106M160AE Datasheet(PDF) 11 Page - TDK Electronics

Part # C3216X7R1E106M160AE
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X7R1E106M160AE Datasheet(HTML) 11 Page - TDK Electronics

Back Button C3216X7R1E106M160AE Datasheet HTML 4Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 5Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 6Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 7Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 8Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 9Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 10Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 11Page - TDK Electronics C3216X7R1E106M160AE Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
22 nF
1310
0.60 ± 0.10
± 20%
CKCM25X5R1C223M060AK
47 nF
1310
0.60 ± 0.10
± 20%
CKCM25X5R1A473M060AK
100 nF
0906
0.45 ± 0.05
± 20%
CKCN27X5R0J104M045BK
1310
0.60 ± 0.10
± 20%
CKCM25X5R0J104M060AK
220 nF
1310
0.60 ± 0.10
± 20%
CKCM25X5R0J224M060AK
2012
0.85 ± 0.15
± 20%
CKCL22X5R1C224M085AK
470 nF
1310
0.80 ± 0.15
± 20%
CKCM25X5R0J474M080AK
2012
0.85 ± 0.15
± 20%
CKCL22X5R1A474M085AK
1 F
1310
0.80 ± 0.15
± 20%
CKCM25X5R0J105M080AK
2012
0.85 ± 0.15
± 20%
CKCL22X5R0J105M085AK
2.2 F
2012
0.85 ± 0.15
± 20%
CKCL22X5R0J225M085AK
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 10V
470 pF
2012
0.85 ± 0.15
± 20%
CKCL22X7R2A471M085AK
1 nF
1310
0.60 ± 0.10
± 20%
CKCM25X7R1H102M060AK
2012
0.85 ± 0.15
± 20%
CKCL22X7R2A102M085AK CKCL22X7R1H102M085AK
2.2 nF
1310
0.60 ± 0.10
± 20%
CKCM25X7R1H222M060AK
2012
0.85 ± 0.15
± 20%
CKCL22X7R2A222M085AK CKCL22X7R1H222M085AK
4.7 nF
1310
0.60 ± 0.10
± 20%
CKCM25X7R1H472M060AK
2012
0.85 ± 0.15
± 20%
CKCL22X7R2A472M085AK CKCL22X7R1H472M085AK
10 nF
1310
0.60 ± 0.10
± 20%
CKCM25X7R1E103M060AK
2012
0.85 ± 0.15
± 20%
CKCL22X7R2A103M085AK CKCL22X7R1H103M085AK
22 nF
2012
0.85 ± 0.15
± 20%
CKCL22X7R1H223M085AK
47 nF
2012
0.85 ± 0.15
± 20%
CKCL22X7R1H473M085AK CKCL22X7R1E473M085AK
100 nF
2012
0.85 ± 0.15
± 20%
CKCL22X7R1H104M085AK CKCL22X7R1E104M085AK
220 nF
2012
0.85 ± 0.15
± 20%
CKCL22X7R1A224M085AK
Class 1 (Temperature Compensating)
TemperatureCharacteristics:X5R(-55to+85ºC,±15%)
Class 2 (Temperature Stable)
TemperatureCharacteristics:X7R(-55to+125ºC,±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
10 pF
1310
0.60 ± 0.10
± 1pF
CKCM25C0G2A100F060AK CKCM25C0G1H100F060AK
2012
0.85 ± 0.15
± 1pF
CKCL22C0G2A100F085AK CKCL22C0G1H100F085AK
15 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A150K060AK CKCM25C0G1H150K060AK
22 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A220K060AK CKCM25C0G1H220K060AK
2012
0.85 ± 0.15
± 10%
CKCL22C0G2A220K085AK CKCL22C0G1H220K085AK
33 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A330K060AK CKCM25C0G1H330K060AK
47 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A470K060AK CKCM25C0G1H470K060AK
2012
0.85 ± 0.15
± 10%
CKCL22C0G2A470K085AK CKCL22C0G1H470K085AK
68 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A680K060AK CKCM25C0G1H680K060AK
100 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A101K060AK CKCM25C0G1H101K060AK
2012
0.85 ± 0.15
± 10%
CKCL22C0G2A101K085AK CKCL22C0G1H101K085AK
220 pF
2012
0.85 ± 0.15
± 10%
CKCL22C0G2A221K085AK CKCL22C0G1H221K085AK
470 pF
2012
0.85 ± 0.15
± 10%
CKCL22C0G2A471K085AK CKCL22C0G1H471K085AK
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 6.3V
100 nF
0906
0.45 ± 0.05
± 20%
CKCN27JB0J104M045BK
Class 1 (Temperature Compensating)
TemperatureCharacteristics:C0G(-55to+125ºC,0±30ppm/ºC)
Class 1 (Temperature Compensating)
TemperatureCharacteristics:CH(-25to+85ºC,0±60ppm/ºC)
Page 10
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en


Similar Part No. - C3216X7R1E106M160AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7R1E106M160AE TDK-C3216X7R1E106M160AE Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C3216X7R1E106M160AE TDK-C3216X7R1E106M160AE_17 Datasheet
234Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X7R1E106M160AE

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com