Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX205850DT-4043A1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DPX205850DT-4043A1
Description  Multilayer Diplexers For 2.4/5.0 GHz W-LAN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX205850DT-4043A1 Datasheet(HTML) 3 Page - TDK Electronics

  DPX205850DT-4043A1 Datasheet HTML 1Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 2Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 3Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 4Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 5Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 6Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 7Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 8Page - TDK Electronics DPX205850DT-4043A1 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(2/10)
001-01 / 20101229 / e741_multi_dpx11
• All specifications are subject to change without notice.
FREQUENCY CHARACTERISTICS
Lo-BAND PORT
S31
COMMON PORT RETURN LOSS
S11
Lo-BAND PORT RETURN LOSS
S33
Hi-BAND PORT
S21
ISOLATION
S23
Hi-PORT RETURN LOSS
S22
Frequency(MHz)
1: 2400MHz
0.24dB
2: 2500MHz
0.30dB
3: 4800MHz
36.04dB
4: 5000MHz
40.45dB
5: 7200MHz
31.62dB
6: 7500MHz
32.24dB
0
4000
2000
6000
8000
10000
12000
15
20
5
0
10
45
50
35
40
30
25
3
4
5 6
12
Frequency(MHz)
0
0
0
4000
2000
6000
8000
10000
12000
15
20
5
0
10
45
50
35
40
30
25
1: 824MHz
21.7dB
2: 915MHz
21.3dB
3: 2400MHz
20.7dB
4: 2500MHz
18.4dB
5: 4900MHz
18.7dB
6: 5950MHz
17.1dB
3
4
5
6
1
2
Frequency(MHz)
0
0
4000
2000
6000
8000
10000
12000
15
20
5
0
10
45
50
35
40
30
25
1: 824MHz
21.7dB
2: 915MHz
20.8dB
3: 2400MHz
19.5dB
4: 2500MHz
17.1dB
1
2
3
4
Frequency(MHz)
0
1: 824MHz
27.41dB
2: 915MHz
26.93dB
3: 1800MHz
29.12dB
4: 2500MHz
27.68dB
5: 4900MHz
0.36dB
6: 5950MHz
0.37dB
7: 9800MHz
22.57dB
8: 11900MHz
21.32dB
0
4000
2000
6000
8000
10000
12000
15
20
5
0
10
45
50
35
40
30
25
5
6
7
8
3
1 2
4
Frequency(MHz)
0
0
4000
2000
6000
8000
10000
12000
15
20
5
0
10
45
50
35
40
30
25
1: 824MHz
27.2dB
2: 915MHz
26.6dB
3: 2400MHz
32.0dB
4: 2500MHz
28.3dB
5: 4900MHz
39.8dB
6: 5950MHz
23.8dB
3
4
5
6
1 2
0
Frequency(MHz)
0
04000
2000
6000
8000
10000
12000
15
20
5
0
10
45
50
35
40
30
25
1: 4900MHz
19.23dB
2: 5950MHz
15.92dB
1
2


Similar Part No. - DPX205850DT-4043A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
More results

Similar Description - DPX205850DT-4043A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ANT8030-2R4-01A TDK-ANT8030-2R4-01A Datasheet
68Kb / 3P
   CHIP MULTILAYER ANTENNA FOR 2.4 GHz W-LAN / Bluetooth
logo
Sharp Corporation
IRM046U SHARP-IRM046U Datasheet
30Kb / 1P
   2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN
logo
Taiyo Yuden (U.S.A.), I...
TSD1N21A829MLV0JJT TAIYO-YUDEN-TSD1N21A829MLV0JJT Datasheet
333Kb / 2P
   Multilayer Ceramic Devices (Diplexers)for 5G
2021.11.26
TSD1N18B1G79LS0FHT TAIYO-YUDEN-TSD1N18B1G79LS0FHT Datasheet
305Kb / 2P
   Multilayer Ceramic Devices (Diplexers)for 5G
2021.11.26
logo
NEC
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N_1 Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com