Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH36W-39S-03SHW Datasheet(PDF) 3 Page - Hirose Electric

Part # FH36W-39S-03SHW
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36W-39S-03SHW Datasheet(HTML) 3 Page - Hirose Electric

  FH36W-39S-03SHW Datasheet HTML 1Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 2Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 3Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 4Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 5Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 6Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 7Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 8Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
sConnector Dimensions
Note 1 : The coplanarity of each terminal lead is within 0.1.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Slight discoloration in color of the plastic compounds does not affect form, fit or function of the connector.
Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue.
0.1
1
1
0.1
A * *
(2.7)
(0.47)
(0.25)
A±0.15
B±0.1
C±0.1
(D: FPC insertion slot dimension)
E±0.1
Lot No. indicator
HRS mark
Number of contacts indicator
Cav No.
(0.12)
0.6±0.1
0.6±0.1
(0.12)
0.3±0.1
All dimensions: mm
Tape and reel packaging (5,000 pieces/reel).
Order by number of reels.
Part Number
FH36-15S-0.3SHW(50)
FH36-17S-0.3SHW(50)
FH36-19S-0.3SHW(50)
FH36-25S-0.3SHW(50)
FH36-29S-0.3SHW(50)
FH36-33S-0.3SHW(50)
FH36-35S-0.3SHW(50)
FH36-45S-0.3SHW(50)
FH36-51S-0.3SHW(50)
FH36-61S-0.3SHW(50)
FH36W-11S-0.3SHW(50)
FH36W-15S-0.3SHW(50)
FH36W-17S-0.3SHW(50)
FH36W-19S-0.3SHW(50)
FH36W-23S-0.3SHW(50)
FH36W-27S-0.3SHW(50)
FH36W-31S-0.3SHW(50)
FH36W-33S-0.3SHW(50)
FH36W-39S-0.3SHW(50)
FH36W-51S-0.3SHW(50)
FH36W-61S-0.3SHW(50)
580-1618-8-50
580-1606-9-50
580-1607-1-50
580-1619-0-50
580-1613-4-50
580-1615-0-50
580-1604-3-50
580-1617-5-50
580-1601-5-50
580-1600-2-50
580-1625-3-50
580-1623-8-50
580-1616-2-50
580-1612-1-50
580-1614-7-50
580-1608-4-50
580-1609-7-50
580-1622-5-50
580-1620-0-50
580-1605-6-50
580-1611-9-50
15
17
19
25
29
33
35
45
51
61
11
15
17
19
23
27
31
33
39
51
61
6.1
6.7
7.3
9.1
10.3
11.5
12.1
15.1
16.9
19.9
4.9
6.1
6.7
7.3
8.5
9.7
10.9
11.5
13.3
16.9
19.9
3.6
4.2
4.8
6.6
7.8
9
9.6
12.6
14.4
17.4
2.4
3.6
4.2
4.8
6
7.2
8.4
9
10.8
14.4
17.4
4.2
4.8
5.4
7.2
8.4
9.6
10.2
13.2
15
18
3
4.2
4.8
5.4
6.6
7.8
9
9.6
11.4
15
18
4.83
5.43
6.03
7.83
9.03
10.23
10.83
13.83
15.63
18.63
3.63
4.83
5.43
6.03
7.23
8.43
9.63
10.23
12.03
15.63
18.63
5.59
6.19
6.79
8.59
9.79
10.99
11.59
14.59
16.39
19.39
4.39
5.59
6.19
6.79
7.99
9.19
10.39
10.99
12.79
16.39
19.39
CL No.
Number of contacts
A
B
C
D
E
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH36W-39S-03SHW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH3 GOOD-ARK-FH3 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH3-04S-1.25DS HIROSE-FH3-04S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-04S-1.25DSA HIROSE-FH3-04S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DS HIROSE-FH3-06S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DSA HIROSE-FH3-06S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
More results

Similar Description - FH36W-39S-03SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com