Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHM1506 Datasheet(PDF) 9 Page - TDK Electronics

Part # HHM1506
Description  Multilayer Balun Transformers For W-CDMA Tx & Rx
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1506 Datasheet(HTML) 9 Page - TDK Electronics

  HHM1506 Datasheet HTML 1Page - TDK Electronics HHM1506 Datasheet HTML 2Page - TDK Electronics HHM1506 Datasheet HTML 3Page - TDK Electronics HHM1506 Datasheet HTML 4Page - TDK Electronics HHM1506 Datasheet HTML 5Page - TDK Electronics HHM1506 Datasheet HTML 6Page - TDK Electronics HHM1506 Datasheet HTML 7Page - TDK Electronics HHM1506 Datasheet HTML 8Page - TDK Electronics HHM1506 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
(8/8)
001-02 / 20101206 / e751_multibalun_hhm08
• All specifications are subject to change without notice.
FREQUENCY CHARACTERISTICS
Unbalance 50
Ω/Balance 150Ω
RETURN LOSS
INSERTION LOSS
AMPLITUDE BALANCE
PHASE BALANCE
–50
1700
1800
1900
2000
2100
2200
2300
–20
–25
–30
–35
–40
–45
–15
–10
–5
0
Frequency(MHz)
1: 1920MHz
–19.68dB
2: 1980MHz
–19.81dB
3: 2110MHz
–19.94dB
4: 2170MHz
–19.61dB
1
2
3
4
–5.0
–4.0
–4.5
–3.0
–3.5
–2.0
–2.5
–1.0
–1.5
–0.5
0.0
Frequency(MHz)
1: 1920MHz
–0.58dB
2: 1980MHz
–0.60dB
3: 2110MHz
–0.64dB
4: 2170MHz
–0.66dB
1700
1800
1900
2000
2100
2200
2300
1
2
3
4
–5
1700
1800
1900
2000
2100
2200
2300
1
0
–1
–2
–3
–4
2
3
4
5
Frequency(MHz)
1: 1920MHz
0.17dB
2: 1980MHz
0.11dB
3: 2110MHz
–0.03dB
4: 2170MHz
–0.15dB
1
2
3
4
160
170
180
185
195
165
175
190
200
1: 1920MHz
179.4deg.
2: 1980MHz
179.7deg.
3: 2110MHz
180.4deg.
4: 2170MHz
180.6deg.
1
2
3
4
Frequency(MHz)
1700
1800
1900
2000
2100
2200
2300


Similar Part No. - HHM1506

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1506 TDK-HHM1506_15 Datasheet
69Kb / 6P
   Multilayer Balun
More results

Similar Description - HHM1506

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1515B2 TDK-HHM1515B2 Datasheet
164Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx Rx
HHM1776B3 TDK-HHM1776B3 Datasheet
86Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx & Rx
HHM1517 TDK-HHM1517_13 Datasheet
166Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
HHM1710D1 TDK-HHM1710D1 Datasheet
167Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
HHM1733B1 TDK-HHM1733B1 Datasheet
85Kb / 8P
   Multilayer Balun Transformers
logo
Fujitsu Component Limit...
FAR-F6KA-2G1400-D4CG FUJITSU-FAR-F6KA-2G1400-D4CG Datasheet
216Kb / 5P
   W-CDMA I (2G) Rx
FAR-F6KA-1G9500-D4DG FUJITSU-FAR-F6KA-1G9500-D4DG Datasheet
182Kb / 5P
   W-CDMA I (2G) Tx
logo
EPCOS
B3669 EPCOS-B3669_1 Datasheet
97Kb / 9P
   SAW Tx filter W-CDMA IF
logo
TDK Electronics
HHM1522A7 TDK-HHM1522A7 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1523B3 TDK-HHM1523B3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com