Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CK45-E3FD222ZYNN Datasheet(PDF) 2 Page - TDK Electronics

Part # CK45-E3FD222ZYNN
Description  Mid-high Voltage Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-E3FD222ZYNN Datasheet(HTML) 2 Page - TDK Electronics

  CK45-E3FD222ZYNN Datasheet HTML 1Page - TDK Electronics CK45-E3FD222ZYNN Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(2/2)
003-01 / 20060618 / e413_ck45.fm
• All specifications are subject to change without notice.
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: E(+20, –55%)
RATED VOLTAGE Edc: 1kV
RATED VOLTAGE Edc: 2kV
1kV and 2kV are E3 series standard products in Temperature characteris-
tics E.
RATED VOLTAGE Edc: 3kV
Part No.
Capacitance
(pF)
Dimensions (mm)
øD max. T max. F
CK45-E3AD471ZYNN
470
5.5
5
5±1.5
CK45-E3AD681ZYNN
680
5.5
5
5±1.5
CK45-E3AD102ZYNN
1,000
5.5
5
5±1.5
CK45-E3AD152ZYNN
1,500
5.5
5
5±1.5
CK45-E3AD222ZYNN
2,200
6.5
5
5±1.5
CK45-E3AD332ZYNN
3,300
7.5
5
5±1.5
CK45-E3AD472ZYNN
4,700
8.5
5
5±1.5
CK45-E3AD682ZYNN
6,800
10
5
5±1.5
CK45-E3AD103ZYNN
10,000
11.5
5
7.5±1.5
Part No.
Capacitance
(pF)
Dimensions (mm)
øD max. T max. F
CK45-E3DD471ZYNN
470
5.5
5
5±1.5
CK45-E3DD681ZYNN
680
5.5
5
5±1.5
CK45-E3DD102ZYNN
1,000
655±1.5
CK45-E3DD152ZYNN
1,500
7
5
5±1.5
CK45-E3DD222ZYNN
2,200
855±1.5
CK45-E3DD332ZYNN
3,300
9
5
5±1.5
CK45-E3DD472ZYNN
4,700
10.5
5
5±1.5
CK45-E3DD682ZYNN
6,800
12.5
5
7.5±1.5
CK45-E3DD103ZYNN
10,000
14.5
5
7.5±1.5
Part No.
Capacitance
(pF)
Dimensions (mm)
øD max. T max. F
CK45-E3FD471ZYNN
470
6
6
7.5±1.5
CK45-E3FD681ZYNN
680
6.5
6
7.5±1.5
CK45-E3FD102ZYNN
1,000
7.5
6
7.5±1.5
CK45-E3FD152ZYNN
1,500
8.5
6
7.5±1.5
CK45-E3FD222ZYNN
2,200
9.5
6
7.5±1.5
CK45-E3FD332ZYNN
3,300
11.5
6
7.5±1.5
CK45-E3FD472ZYNN
4,700
12.5
6
7.5±1.5
CK45-E3FD682ZYNN
6,800
15
6
7.5±1.5
CK45-E3FD103ZYNN
10,000
17.5
6
10±2
• For more information about products with other capacitance or other data, please contact us.


Similar Part No. - CK45-E3FD222ZYNN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-E3FD222ZYNNA TDK-CK45-E3FD222ZYNNA Datasheet
91Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CK45-E3FD222ZYNN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com