Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CK45-B3DD101KYN Datasheet(PDF) 3 Page - TDK Electronics

Part # CK45-B3DD101KYN
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead General use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-B3DD101KYN Datasheet(HTML) 3 Page - TDK Electronics

  CK45-B3DD101KYN Datasheet HTML 1Page - TDK Electronics CK45-B3DD101KYN Datasheet HTML 2Page - TDK Electronics CK45-B3DD101KYN Datasheet HTML 3Page - TDK Electronics CK45-B3DD101KYN Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(2/3)
003-02 / 20110711 / e413_ck45.fm
• All specifications are subject to change without notice.
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: B(±10%)
RATED VOLTAGE Edc: 3kV
: Lead shape symbol
TEMPERATURE CHARACTERISTICS: E(+20, –55%)
RATED VOLTAGE Edc: 1kV
: Lead shape symbol
• 1kV and 2kV are E3 series standard products in Temperature characteristics E.
RATED VOLTAGE Edc: 2kV
: Lead shape symbol
• 1kV and 2kV are E3 series standard products in Temperature characteristics E.
RATED VOLTAGE Edc: 3kV
: Lead shape symbol
LIST OF STANDARD LEAD SHAPES
The lead type is indicated by the letter which is the 15th character of the product name.
Dimensions in mm
• We recommend using a vertical kink type.
• For bulk products, we recommend a short lead type with the symbol N.
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-B3FD101KY
NA
CK45-B3FD101KY
N
100
5.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD151KY
NA
CK45-B3FD151KY
N
150
5.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD221KY
NA
CK45-B3FD221KY
N
220
5.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD331KY
NA
CK45-B3FD331KY
N
330
6.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD471KY
NA
CK45-B3FD471KY
N
470
7.0
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD681KY
NA
CK45-B3FD681KY
N
680
8.0
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD102KY
NA
CK45-B3FD102KY
N
1,000
9.0
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD152KY
NA
CK45-B3FD152KY
N
1,500
10.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD222KY
NA
CK45-B3FD222KY
N
2,200
12.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-B3FD332KY
NA
CK45-B3FD332KY
N
3,300
14.5
6.0
7.5±1.5
0.6±0.05
V3
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-E3AD471ZY
NA
CK45-E3AD471ZY
N
470
5.5
6.0
5.0±1.5
0.6±0.05
V1
CK45-E3AD102ZY
NA
CK45-E3AD102ZY
N
1,000
5.5
6.0
5.0±1.5
0.6±0.05
V1
CK45-E3AD222ZY
NA
CK45-E3AD222ZY
N
2,200
6.5
6.0
5.0±1.5
0.6±0.05
V1
CK45-E3AD472ZY
NA
CK45-E3AD472ZY
N
4,700
8.5
6.0
5.0±1.5
0.6±0.05
V1
CK45-E3AD103ZY
NA
CK45-E3AD103ZY
N
10,000
11.5
6.0
7.5±1.5
0.6±0.05
V2
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-E3DD471ZY
NA
CK45-E3DD471ZY
N
470
5.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-E3DD102ZY
NA
CK45-E3DD102ZY
N
1,000
6.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-E3DD222ZY
NA
CK45-E3DD222ZY
N
2,200
8.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-E3DD472ZY
NA
CK45-E3DD472ZY
N
4,700
10.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-E3DD103ZY
NA
CK45-E3DD103ZY
N
10,000
14.5
5.0
7.5±1.5
0.6±0.05
V3
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-E3FD471ZY
NA
CK45-E3FD471ZY
N
470
6.0
6.0
7.5±1.5
0.6±0.05
V2
CK45-E3FD102ZY
NA
CK45-E3FD102ZY
N
1,000
7.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-E3FD222ZY
NA
CK45-E3FD222ZY
N
2,200
9.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-E3FD472ZY
NA
CK45-E3FD472ZY
N
4,700
12.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-E3FD103ZY
NA
CK45-E3FD103ZY
N
10,000
17.5
6.0
10.0±2
0.6±0.05
Long lead
Short lead
Taping
Vertical kink
Symbol G
Symbol N
Symbol V
Example) TDK Product Name: CK45-B3AD102KYNNA
N: Lead type (Vertical kink, Short)
D
F
d
T
D
T
F
d
D
T


Similar Part No. - CK45-B3DD101KYN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3DD101KYNN TDK-CK45-B3DD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
CK45-B3DD101KYNNA TDK-CK45-B3DD101KYNNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CK45-B3DD101KYN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CK45-B3DD102KYNN TDK-CK45-B3DD102KYNN Datasheet
85Kb / 4P
   Disk type with lead General use
CK45-RR TDK-CK45-RR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com