Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHM1541E1 Datasheet(PDF) 3 Page - TDK Electronics

Part # HHM1541E1
Description  Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1541E1 Datasheet(HTML) 3 Page - TDK Electronics

  HHM1541E1 Datasheet HTML 1Page - TDK Electronics HHM1541E1 Datasheet HTML 2Page - TDK Electronics HHM1541E1 Datasheet HTML 3Page - TDK Electronics HHM1541E1 Datasheet HTML 4Page - TDK Electronics HHM1541E1 Datasheet HTML 5Page - TDK Electronics HHM1541E1 Datasheet HTML 6Page - TDK Electronics HHM1541E1 Datasheet HTML 7Page - TDK Electronics HHM1541E1 Datasheet HTML 8Page - TDK Electronics HHM1541E1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(2/8)
001-02 / 20101206 / e751_multibalun_hhm12
• All specifications are subject to change without notice.
FREQUENCY CHARACTERISTICS
Unbalance 50
Ω /Balance 50Ω
RETURN LOSS
–50
2100
2200
2300
2400
2500
2600
2700
–20
–25
–30
–35
–40
–45
–15
–10
–5
0
Frequency(MHz)
1: 2400MHz
–17.71dB
2: 2500MHz
–14.48dB
1
2
INSERTION LOSS
–5.0
–4.0
–4.5
–3.0
–3.5
–2.0
–2.5
–1.0
–1.5
–0.5
0
Frequency(MHz)
1: 2400MHz
–0.75dB
2: 2500MHz
–0.93dB
2100
2200
2300
2400
2500
2600
2700
1
2
AMPLITUDE BALANCE
2
1
4
3
5
–4
–5
–2
–3
–1
0
Frequency(MHz)
1: 2400MHz
0.65dB
2: 2500MHz
0.61dB
2100
2200
2300
2400
2500
2600
2700
1
2
PHASE BALANCE
155
175
185
195
170
165
160
180
190
200
205
1: 2400MHz
178.7deg.
2: 2500MHz
177.6deg.
Frequency(MHz)
2100
2200
2300
2400
2500
2600
2700
1
2


Similar Part No. - HHM1541E1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1541E1 TDK-HHM1541E1 Datasheet
166Kb / 9P
   HHM Series
HHM1541E1 TDK-HHM1541E1_15 Datasheet
71Kb / 6P
   Multilayer Balun
More results

Similar Description - HHM1541E1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1710D1 TDK-HHM1710D1 Datasheet
167Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
logo
Soshin electric Co., Lt...
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
HMD972U SOSHIN-HMD972U Datasheet
84Kb / 3P
   2.4GHz Balun for Bluetooth
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1 Datasheet
58Kb / 5P
   Multilayer Low Pass Filters For 2.4GHz W-LAN/Bluetooth
logo
Soshin electric Co., Lt...
HMD971U SOSHIN-HMD971U Datasheet
121Kb / 3P
   2.4GHz Balun for Bluetooth
HMD973B SOSHIN-HMD973B Datasheet
123Kb / 3P
   2.4GHz Balun for Bluetooth
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD904D SOSHIN-HMD904D Datasheet
165Kb / 3P
   2.4GHz LPF for Wireless LAN & Bluetooth
HMD844H SOSHIN-HMD844H Datasheet
141Kb / 4P
   2.4GHz BPF for Wireless LAN & Bluetooth
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com