Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X7S3D222M250AA Datasheet(PDF) 4 Page - TDK Electronics

Part # C3225X7S3D222M250AA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225X7S3D222M250AA Datasheet(HTML) 4 Page - TDK Electronics

  C3225X7S3D222M250AA Datasheet HTML 1Page - TDK Electronics C3225X7S3D222M250AA Datasheet HTML 2Page - TDK Electronics C3225X7S3D222M250AA Datasheet HTML 3Page - TDK Electronics C3225X7S3D222M250AA Datasheet HTML 4Page - TDK Electronics C3225X7S3D222M250AA Datasheet HTML 5Page - TDK Electronics C3225X7S3D222M250AA Datasheet HTML 6Page - TDK Electronics C3225X7S3D222M250AA Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• All specifications are subject to change without notice.
EIA CC1206 [C3216]
X7S
3D
(2KV)
3A
(1KV)
100
101
220
221
470
471
1,000
102
2,200
222
0.85 mm
1.30 mm
EIA CC1210 [C3225]
X7S
3D
(2KV)
3A
(1KV)
1,000
102
2,200
222
4,700
472
1.60 mm
2.00 mm
2.50 mm
EIA CC1808 [C4520]
C0G
CH
JB
X7R
X7S
3F
(3KV)
3F
(3KV)
3D
(2KV)
3A
(1KV)
3D
(2KV)
3A
(1KV)
3A
(1KV)
10
100
12
120
15
150
18
180
22
220
27
270
33
330
39
390
47
470
56
560
68
680
82
820
100
101
470
471
1,000
102
2,200
222
4,700
472
0.85 mm
1.10 mm
1.30 mm
1.60 mm
2.00 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: X7S (± 22%)
Rated Voltage: 2KV (3D), 1KV (3A)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: X7S (± 22%)
Rated Voltage: 2KV (3D), 1KV (3A)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (± 10%), X7R (± 15%), X7S (± 22%)
Rated Voltage: 3KV (3D), 2KV (3D), 1KV (3A)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
K: ± 10%
M: ± 20%
K: ± 10%
M: ± 20%
F: ± 1pF
K: ± 10%
M: ± 20%
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_highvoltage_en


Similar Part No. - C3225X7S3D222M250AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7S3D222M250AA TDK-C3225X7S3D222M250AA Datasheet
1Mb / 7P
   C Series Commercial Grade High Voltage (1000V and over)
More results

Similar Description - C3225X7S3D222M250AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com