Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHM1711D1 Datasheet(PDF) 3 Page - TDK Electronics

Part # HHM1711D1
Description  Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1711D1 Datasheet(HTML) 3 Page - TDK Electronics

  HHM1711D1 Datasheet HTML 1Page - TDK Electronics HHM1711D1 Datasheet HTML 2Page - TDK Electronics HHM1711D1 Datasheet HTML 3Page - TDK Electronics HHM1711D1 Datasheet HTML 4Page - TDK Electronics HHM1711D1 Datasheet HTML 5Page - TDK Electronics HHM1711D1 Datasheet HTML 6Page - TDK Electronics HHM1711D1 Datasheet HTML 7Page - TDK Electronics HHM1711D1 Datasheet HTML 8Page - TDK Electronics HHM1711D1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(2/8)
001-02 / 20101206 / e751_multibalun_hhm11
• All specifications are subject to change without notice.
FREQUENCY CHARACTERISTICS
Unbalance 50
Ω /Balance 50Ω
RETURN LOSS
–25
2100
2700
2600
2400
2300
2500
2200
–20
–15
–10
–5
0
Frequency(MHz)
1: 2400.0MHz
–12.04dB
2: 2500.0MHz
–12.30dB
1
2
INSERTION LOSS
–5.0
2100
2200
2700
2600
2400
2500
2300
–4.0
–4.5
–3.0
–3.5
–2.0
–2.5
–1.0
–1.5
–0.5
0
Frequency(MHz)
1: 2400.0MHz
–0.88dB
2: 2500.0MHz
–0.88dB
1
2
AMPLITUDE BALANCE
2100
2700
2600
2400
2500
2200
2300
2
1
4
3
5
–4
–5
–2
–3
–1
0
Frequency(MHz)
1: 2400.0MHz
0.41dB
2: 2500.0MHz
0.57dB
1
2
PHASE BALANCE
160
155
170
180
190
200
165
175
185
195
205
1: 2400.0MHz
177.06deg.
2: 2500.0MHz
177.94deg.
1
2
2100
2200
2700
2600
2400
2500
2300
Frequency(MHz)


Similar Part No. - HHM1711D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HHM1711D1 ETC1-HHM1711D1 Datasheet
39Kb / 2P
   MULTILAYER BALUN SPECIFICATION
logo
TDK Electronics
HHM1711D1 TDK-HHM1711D1_15 Datasheet
69Kb / 6P
   Multilayer Balun
More results

Similar Description - HHM1711D1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1517 TDK-HHM1517_13 Datasheet
166Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
logo
Soshin electric Co., Lt...
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
HMD972U SOSHIN-HMD972U Datasheet
84Kb / 3P
   2.4GHz Balun for Bluetooth
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1 Datasheet
58Kb / 5P
   Multilayer Low Pass Filters For 2.4GHz W-LAN/Bluetooth
logo
Soshin electric Co., Lt...
HMD971U SOSHIN-HMD971U Datasheet
121Kb / 3P
   2.4GHz Balun for Bluetooth
HMD973B SOSHIN-HMD973B Datasheet
123Kb / 3P
   2.4GHz Balun for Bluetooth
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD904D SOSHIN-HMD904D Datasheet
165Kb / 3P
   2.4GHz LPF for Wireless LAN & Bluetooth
HMD844H SOSHIN-HMD844H Datasheet
141Kb / 4P
   2.4GHz BPF for Wireless LAN & Bluetooth
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com