Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF2318-A152Y3R0-01 Datasheet(PDF) 6 Page - TDK Electronics

Part # HF2318-A152Y3R0-01
Description  Common Mode Choke Coils Line Filters For power line, Closed magnetic circuit core type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF2318-A152Y3R0-01 Datasheet(HTML) 6 Page - TDK Electronics

Back Button HF2318-A152Y3R0-01 Datasheet HTML 2Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 3Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 4Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 5Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 6Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 7Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 8Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 9Page - TDK Electronics HF2318-A152Y3R0-01 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(5/10)
001-02 / 20101125 / e93_hf.fm
• All specifications are subject to change without notice.
HF2024(SQUARE SHAPED CLOSED MAGNETIC CIRCUIT CORE) TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
• Measuring equipment of inductance value:
LCR meter(HP4261A, HP4263B or equivalent)[f=1kHz]
PACKAGING QUANTITIES
RATINGS
∗1 Pb free solder(Sn-3Ag-0.5Cu)
∗2 However, this product is not recognized by each regulations.
22.5max.
18max.
13
±0.5
ø0.8
L1
L2
1
2
4
3
Weight: 10g typ.
Recommended hole diameter: ø1.3
Dimensions in mm
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Frequency(MHz)
123Y
622Y
242Y
601Y
Part No.
Inductance
(mH)min.
DC
resistance
(
Ω)max.
Rated current
Iac
(A)max.
HF2024-333Y0R3-201
33
3.1
0.3
HF2024-253Y0R4-T01
25
2
0.4
HF2024-183Y0R5-201
18
1.45
0.5
HF2024-123Y0R6-201
12
1.3
0.6
HF2024-123Y0R8-T01
12
0.92
0.8
HF2024-103Y0R7-T01
10
0.9
0.7
HF2024-682Y0R8-201
6.8
0.66
0.8
HF2024-622Y1R0-T01
6.2
0.5
1
HF2024-352Y1R3-T01
3.5
0.27
1.3
HF2024-242Y1R7-T01
2.4
0.18
1.7
HF2024-102Y2R0-T01
1
0.2
2
HF2024-601Y3R0-T01
0.6
0.06
3
HF2024
800pieces/box
Item
Standard value
Conditions
Rated voltage(V)
80 to 250
50Hz/60Hz
Dielectric withstanding
voltage(V)
2000
Between each winding for
1 minute
Insulation resistance
(M
Ω)
100min.
Between each winding for
DC.500V
Temperature rise(°C)
50max.
With line resistance
Operating temperature
range(°C)
–20 to +120
Including self-temperature
rise
Storage temperature
range(°C)
–20 to +85
Resistance to
soldering tenperature∗1
260±5°C, 10±1sec
Solder bath method
350±5°C, 5sec max. Soldering iron method
Applicable safety
standard∗2
Electrical Appliance and Material Safety
Law ("DENAN")


Similar Part No. - HF2318-A152Y3R0-01

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HF2300E-SJB SOSHIN-HF2300E-SJB Datasheet
390Kb / 4P
   DC 1000VDC
logo
Hitachi Semiconductor
HF234AQ100D3201 HITACHI-HF234AQ100D3201 Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
HF234BQ100D3201 HITACHI-HF234BQ100D3201 Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
HF234BT100D3201 HITACHI-HF234BT100D3201 Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
HF234GT100D3201 HITACHI-HF234GT100D3201 Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
More results

Similar Description - HF2318-A152Y3R0-01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TF1028S TDK-TF1028S Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF0804B-08P-01 TDK-TF0804B-08P-01 Datasheet
347Kb / 7P
   Common Mode Choke Coils(Line Filters) for Signal Line UF and TF Series
TCM1210 TDK-TCM1210 Datasheet
49Kb / 2P
   Common Mode Choke Coils for Signal Line
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1211-102-2PL-TL01 TDK-ACM1211-102-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1513-551-2PL-TLHF TDK-ACM1513-551-2PL-TLHF_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com