Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHM1726P1 Datasheet(PDF) 5 Page - TDK Electronics

Part # HHM1726P1
Description  Multilayer Balun Transformers For GSM900 Tx & Rx
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1726P1 Datasheet(HTML) 5 Page - TDK Electronics

  HHM1726P1 Datasheet HTML 1Page - TDK Electronics HHM1726P1 Datasheet HTML 2Page - TDK Electronics HHM1726P1 Datasheet HTML 3Page - TDK Electronics HHM1726P1 Datasheet HTML 4Page - TDK Electronics HHM1726P1 Datasheet HTML 5Page - TDK Electronics HHM1726P1 Datasheet HTML 6Page - TDK Electronics HHM1726P1 Datasheet HTML 7Page - TDK Electronics HHM1726P1 Datasheet HTML 8Page - TDK Electronics HHM1726P1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
(4/8)
001-02 / 20101206 / e751_multibalun_hhm03
• All specifications are subject to change without notice.
FREQUENCY CHARACTERISTICS
Unbalance 50
Ω /Balance 150Ω
RETURN LOSS
INSERTION LOSS
AMPLITUDE BALANCE
PHASE BALANCE
750
1100
1000 1050
900
850
950
800
Frequency(MHz)
–30
–20
–25
–15
–10
–5
0
1: 880.0MHz
–17.11dB
2: 920.0MHz
–21.27dB
3: 960.0MHz
–19.24dB
1
2
3
750
1100
1000 1050
900
850
950
800
Frequency(MHz)
–5.0
–4.0
–4.5
–3.0
–3.5
–2.0
–2.5
–1.0
–1.5
–0.5
0
1: 880.0MHz
–1.01dB
2: 920.0MHz
–0.90dB
3: 960.0MHz
–0.89dB
1
2
3
750
1100
1000 1050
900
850
950
800
Frequency(MHz)
2
1
4
3
5
–4
–5
–2
–3
–1
0
1: 880.0MHz
–0.07dB
2: 920.0MHz
0.09dB
3: 960.0MHz
0.22dB
1
2
3
750
1100
1000 1050
900
850
950
800
Frequency(MHz)
160
170
180
190
200
1: 880.0MHz
177.70deg.
2: 920.0MHz
177.26deg.
3: 960.0MHz
176.73deg.
1
2
3


Similar Part No. - HHM1726P1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1726P1 TDK-HHM1726P1_15 Datasheet
68Kb / 6P
   Multilayer Balun
More results

Similar Description - HHM1726P1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1515B2 TDK-HHM1515B2 Datasheet
164Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx Rx
HHM1506 TDK-HHM1506 Datasheet
88Kb / 9P
   Multilayer Balun Transformers For W-CDMA Tx & Rx
logo
Sony Corporation
CXG1028ATN SONY-CXG1028ATN Datasheet
81Kb / 7P
   GSM900/1800/1900 SPDT TX/RX Switch
logo
TDK Electronics
HHM1733B1 TDK-HHM1733B1 Datasheet
85Kb / 8P
   Multilayer Balun Transformers
HHM1522A7 TDK-HHM1522A7 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1523B3 TDK-HHM1523B3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1517 TDK-HHM1517_13 Datasheet
166Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
HHM1710D1 TDK-HHM1710D1 Datasheet
167Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
logo
MPS Industries, Inc.
R36560 MPSIND-R36560 Datasheet
611Kb / 2P
   BALUN TRANSFORMERS
logo
TDK Electronics
ATB2012-75011 TDK-ATB2012-75011 Datasheet
168Kb / 13P
   Balun Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com