Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTW30-51515 Datasheet(PDF) 1 Page - TDK Electronics

Part # MTW30-51515
Description  15W to 60W Low Profi le Triple Output Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MTW30-51515 Datasheet(HTML) 1 Page - TDK Electronics

  MTW30-51515 Datasheet HTML 1Page - TDK Electronics MTW30-51515 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
96
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
MTW Series
Features
u 26mm height
u 3 year Warranty
u Peak Load capable
u Light weight
u Output 1 isolated from outputs 2 & 3
u No minimum load
15W to 60W Low Profile Triple Output Power Supplies
MTW15-51212
MTW30-51212
MTW60-51212
Model
MTW15-51515
MTW30-51515
MTW60-51515
Input Voltage Range
V
85 - 265VAC (47 - 440Hz)
Input Current Typ
(1)
A
0.42 / 0.25
0.8 / 0.4
1.4 / 0.8
Inrush Current
(1)
A
25 / 50
20 / 40
20 / 40
Leakage Current (240VAC, 60Hz)
mA
0.75mA Max
Max Output Power
W
16
30
60
17.5
33
62.5
Efficiency (Typ)
%
71
76
76
Hold Up Time
(1)
ms
20 / 150
20 / 140
10 / 20
Output Voltage Adjustment
(3)
-
V1: 5 to 5.25V
V1: 5 to 5.2V
V1: 4.5 to 5.5V
Overcurrent Protection
-
Yes, automatic recovery. Hiccup style on MTW30 & 60
Overvoltage Protection
V
V1: Zener Clamp
V1: Zener Clamp
V1 & V2: Zener Clamp
Operating Temperature
-
-20°C start up. -10 to +60°C, derating linearily to 70% load above 50°C
Storage Temperature
-
-30 to +75°C
Humidity (Non condensing)
-
10 - 90%RH (Operating & storage) at 35°C
Cooling
-
Convection
Withstand Voltage
-
Input to ground 2kVAC, Input to output 3kVAC, Output to ground 500VAC
Vibration (non operating)
-
5 - 10Hz: 10mm amplitude, 10 - 200Hz: 2G (19.6m/s2)10m sweep time, 3 axis, 1 hour each
Shock
-
Acceleration: 60G (588m/s2) Half sine wave, 6 - 16ms pulse duration, 3x each direction
Safety Agency Approvals
-
UL60950-1, CSA C22.2 No 60950-1 (C-UL), EN60950-1
Immunity
-
EN61000-4-2 (Lv 4), -3, -4 (Lv 3), -5 (Lv 4), -6 (Lv 3), -8 (Lv 4), -11
Conducted EMI
-
FCC-Class B, EN55011-B, EN55022-B
Weight (Typ)
g
150
210
330
Size (WxHxL)
mm
50 x 26 x 127
65 x 26 x 140
83 x 26 x 185
Warranty
yrs
Three Years
Specifications
Notes:
(1) 100/240VAC
(2) Output V1 is isolated from outputs V2 & V3
(3) Option /V suffix
Key Market Segments & Applications


Similar Part No. - MTW30-51515

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MTW30-51515 TDK-MTW30-51515 Datasheet
149Kb / 2P
   AC-DC Power Supplies
MTW30-51515-V TDK-MTW30-51515-V Datasheet
149Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - MTW30-51515

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CUT75 TDK-CUT75 Datasheet
78Kb / 2P
   Dual or Triple Output 75W Low Profi le Power Supplies
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
CUS250LD TDK-CUS250LD Datasheet
699Kb / 3P
   Single Output 250W Low Profi le Power Supplies
logo
DENSEI-LAMBDA
VT15 LAMBDA-VT15 Datasheet
96Kb / 2P
   Triple output 15W ~ 60W
logo
MicroPower Direct, LLC
MPA400L MPD-MPA400L Datasheet
380Kb / 2P
   Low Profi le 400W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA300L MPD-MPA300L Datasheet
382Kb / 2P
   Low Profi le 300W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com