Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD30-48WS12 Datasheet(PDF) 1 Page - TDK Electronics

Part # PXD30-48WS12
Description  Single and Dual Output 30W DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD30-48WS12 Datasheet(HTML) 1 Page - TDK Electronics

  PXD30-48WS12 Datasheet HTML 1Page - TDK Electronics PXD30-48WS12 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13
1-800-526-2324 • www.us.tdk-lambda.com/lp/
PXD30W Series
Features
u Industry Standard 2” x 1” Footprint
u Six Sided Shielding
u Safety Agency Certifications
u 9-36V or 18-75VDC Input
u Wide range input
Single and Dual Output 30W DC-DC Converters
Notes:
(1) With external ceramic capacitor (24V: 4.7uF, 48V: 2.2uF) connected across input pins
(2) For EN61000-4-4 & -5 compliance fit external electrolytic capacitor (24V: 330uF, 48V: 220uF) connected across input pins
Model
Single Output
Dual Output
Max Output Power
30W
Voltage Accuracy
±1%
Voltage Adjustment
±10%
None
Minimum Load
None
Line Regulation
±0.2%
Load Regulation
±0.5%
±1%
Cross Regulation (25% to 100%)
-
±5%
Ripple and Noise (peak to peak)
<5.1V output: 100mV, 12-15V output: 150mV
Start up time
30ms
Remote on/off
Positive Logic: ON: Open or 3-12V, OFF Short or <1.2V
Negative Logic: ON: Short or <1.2V, OFF: Open or 3-12V
Temperature Coefficient
<±0.02%/°C
Operating Temperature
-40 to +85°C, derating necessary above 50°C
Maximum Case Temperature
105°C (Overtemperature Protection 115°C)
Storage Temperature
-55 to 125°C
Thermal Shock
MIL-STD-810F
Relative Humidity (non condensing)
5 to 95%
Transient Response (25% step load change)
250us recovery
Overvoltage Protection (Zener clamp)
3.3V: 3.9V, 5V: 6.2V, 12V: 15V, 15V: 18V
Overcurrent and Short Circuit Protection
Typically at 150%, hiccup with self recovery
Input Surge Voltage (Maximum for 100ms)
24V input: 50V, 48V input: 100V
Reflected input ripple (peak to peak)
20mA
Isolation Voltage
1600VDC minimum
Isolation Resistance
109 Ohms minimum
Isolation Capacitance (max)
1500pF
Typical Switching Frequency (Fixed)
430kHz
MTBF (BELLCORE TR-NWT-000332)
3,163,000 hours
Vibration
MIL-STD-810F
Conducted and Radiated Emissions (1)
EN55022 Level A
Immunity
(2)
EN61000-4-2, -3, -4, -5, -6 Pref Criteria A
Safety Agency Certifications
IEC60950-1, UL60950-1, EN60950-1, CE Mark
Size (L x W x H)
2x1x0.4”
Weight
1.07 oz (30.5g)
Warranty
Two Year
Specifications
Key Market Segments & Applications


Similar Part No. - PXD30-48WS12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD30-48WS12 TDK-PXD30-48WS12 Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
More results

Similar Description - PXD30-48WS12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
   Single and Dual Output 20W to 30W DC-DC Converters
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RW MPD-F2500RW Datasheet
235Kb / 2P
   2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
MicroPower Direct, LLC
F2500RU MPD-F2500RU Datasheet
235Kb / 2P
   4:1 Input 25W - 30W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com