Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLF7030T-2R2M5R4 Datasheet(PDF) 6 Page - TDK Electronics

Part # RLF7030T-2R2M5R4
Description  Inductors for Power Circuits Wound Ferrite
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RLF7030T-2R2M5R4 Datasheet(HTML) 6 Page - TDK Electronics

Back Button RLF7030T-2R2M5R4 Datasheet HTML 2Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 3Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 4Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 5Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 6Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 7Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 8Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 9Page - TDK Electronics RLF7030T-2R2M5R4 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
(6/17)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_rlf_en.fm
• All specifications are subject to change without notice.
RLF series 
RLF7030 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(kHz)
DC resistance
(m
: )±20%
Rated current(A)
Part No.
max.
(μH)
Tolerance
typ.
Idc1
Idc2
1
±30%
100
7.3
7.9
6.4
RLF7030T-1R0N6R4
1.5
±30%
100
8.0
6.5
6.1
RLF7030T-1R5N6R1
2.2
±20%
100
10
5.5
5.4
RLF7030T-2R2M5R4
3.3
±20%
100
17.4
4.4
4.1
RLF7030T-3R3M4R1
4.7
±20%
100
26
3.5
3.4
RLF7030T-4R7M3R4
6.8
±20%
100
37.3
3.0
2.8
RLF7030T-6R8M2R8
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies


Similar Part No. - RLF7030T-2R2M5R4

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RLF7030T-2R2M5R4 TDK-RLF7030T-2R2M5R4 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - RLF7030T-2R2M5R4

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com