Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGS-50-5 Datasheet(PDF) 2 Page - CUI INC

Part # VGS-50-5
Description  SWITCHING POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-50-5 Datasheet(HTML) 2 Page - CUI INC

  VGS-50-5 Datasheet HTML 1Page - CUI INC VGS-50-5 Datasheet HTML 2Page - CUI INC VGS-50-5 Datasheet HTML 3Page - CUI INC VGS-50-5 Datasheet HTML 4Page - CUI INC VGS-50-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
08/12/2011 │ page 2 of 5
CUI Inc
│ SERIES: VGS-50 │ DESCRIPTION: SWITCHING POWER SUPPLY
INPUT
parameter
conditions/description
min
nom
max
units
voltage range
88
125
264
373
Vac
Vdc
frequency range
50
60
Hz
current
at 115 Vac, cold start
at 230 Vac, cold start
1.3
0.65
A
A
inrush current
at 230 Vac, full load, cold start
40
A
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage adjust
±10
voltage tolerance
3.3 V models
5 V models
all other models
±3
±2
±1
%
%
%
line regulation
low line to high line
±0.5
%
load regulation
3.3 V models
5 V models
all other models
±2.0
±1.0
±0.5
%
%
%
start-up time
at 115 Vac, cold start
at 230 Vac, cold start
1.0
0.8
s
s
rise time
at 115 Vac, cold start
at 230 Vac, cold start
65
50
ms
ms
hold-up time
at 115 Vac, cold start
at 230 Vac, cold start
10
32
ms
ms
SAFETY & COMPLIANCE
parameter
conditions/description
min
nom
max
units
isolation voltage
input to output:
input to case:
output to case:
4,242
2,121
707
Vdc
Vdc
Vdc
safety approvals
UL60950-1 / TUV EN60950-1 Approved
EMI/EMC
EN55022 : 1998+A1 : 2000+A2 : 2003 Class B, EN61000-3-2 : 2000+A2 : 2005 Class A,
EN61000-3-3 : 1995+A1 : 2001, EN61204-3 : 2000 EN50204 1998+A1 : 2001+A2 :
2003 light industry level, criteria A
leakage current
measured per IEC 60950-1, paragraph 5.1,
test voltage of 240 Vac/60 Hz
2mA
RoHS compliant
yes
MTBF
at 230 Vac, MIL-HDBK-217F 25 °C ambient
620,300
hrs
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
see derating curve
-20
70
°C
storage temperature
see derating curve
-40
85
°C
relative humidity
non-condensing operating
20
90
%
temperature coefficient
(0 ~ 50°C)
0.3
%/°C
vibration
(10 ~ 500 Hz, 1 hour per axis, 3 hours total)
5
Grms


Similar Part No. - VGS-50-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-50-5 CUI-VGS-50-5 Datasheet
651Kb / 5P
   AC-DC POWER SUPPLY
11/08/2017
More results

Similar Description - VGS-50-5

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com