Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLCF5020 Datasheet(PDF) 6 Page - TDK Electronics

Part # VLCF5020
Description  Inductors for Power Circuits Wound Ferrite
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLCF5020 Datasheet(HTML) 6 Page - TDK Electronics

Back Button VLCF5020 Datasheet HTML 2Page - TDK Electronics VLCF5020 Datasheet HTML 3Page - TDK Electronics VLCF5020 Datasheet HTML 4Page - TDK Electronics VLCF5020 Datasheet HTML 5Page - TDK Electronics VLCF5020 Datasheet HTML 6Page - TDK Electronics VLCF5020 Datasheet HTML 7Page - TDK Electronics VLCF5020 Datasheet HTML 8Page - TDK Electronics VLCF5020 Datasheet HTML 9Page - TDK Electronics VLCF5020 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
(6/41)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlcf_en.fm
• All specifications are subject to change without notice.
VLCF series 
VLCF4018-2 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(kHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
Tolerance
max.
typ.
Idc1
Idc2
1.6
±30%
100
0.051
0.044
1.72
2.42
VLCF4018T-1R6N1R7-2
2.2
±30%
100
0.06
0.052
1.44
2.23
VLCF4018T-2R2N1R4-2
3.3
±30%
100
0.079
0.069
1.26
1.93
VLCF4018T-3R3N1R2-2
4.7
±30%
100
0.101
0.088
1.07
1.72
VLCF4018T-4R7N1R0-2
6.8
±30%
100
0.124
0.108
0.94
1.55
VLCF4018T-6R8NR94-2
10
±20%
100
0.188
0.163
0.74
1.26
VLCF4018T-100MR74-2
15
±20%
100
0.268
0.233
0.59
1.1
VLCF4018T-150MR59-2
22
±20%
100
0.369
0.321
0.49
0.9
VLCF4018T-220MR49-2
33
±20%
100
0.54
0.469
0.42
0.74
VLCF4018T-330MR42-2
47
±20%
100
0.76
0.661
0.34
0.62
VLCF4018T-470MR34-2
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies


Similar Part No. - VLCF5020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020-1 TDK-VLCF5020-1 Datasheet
38Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
logo
Microchip Technology
VLCF5020T MICROCHIP-VLCF5020T Datasheet
1Mb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
TDK Electronics
VLCF5020T-100M1R1-1 TDK-VLCF5020T-100M1R1-1 Datasheet
38Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF5020T-100M1R1-1 TDK-VLCF5020T-100M1R1-1 Datasheet
144Kb / 9P
   Wound Ferrite
VLCF5020T-100M1R1-1 TDK-VLCF5020T-100M1R1-1_16 Datasheet
144Kb / 9P
   Wound Ferrite
More results

Similar Description - VLCF5020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com