Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLED15-120-1500 Datasheet(PDF) 3 Page - CUI INC

Part # VLED15-120-1500
Description  LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15-120-1500 Datasheet(HTML) 3 Page - CUI INC

  VLED15-120-1500 Datasheet HTML 1Page - CUI INC VLED15-120-1500 Datasheet HTML 2Page - CUI INC VLED15-120-1500 Datasheet HTML 3Page - CUI INC VLED15-120-1500 Datasheet HTML 4Page - CUI INC VLED15-120-1500 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
07/18/2012 │ page 3 of 5
CUI Inc
│ SERIES: VLED15 │ DESCRIPTION: LED DRIVER
(2 PLCS) 5.00
81.62 3.213
56.22 2.213
152.00 5.984
9.50 0.374
(2 PLCS)
SCALE: 1:2
MECHANICAL DRAWING
units: mm
tolerance: ±0.3 mm (unless otherwise specified)
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
82 x 56 x 29 (3.21 x 2.21 x 1.13 inch)
mm
inch
weight
145
5.1
g
oz


Similar Part No. - VLED15-120-1500

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15-120-1500 CUI-VLED15-120-1500 Datasheet
171Kb / 5P
   LED DRIVER
VLED15-120-1500 CUI-VLED15-120-1500 Datasheet
157Kb / 5P
   LED DRIVER
VLED15-120-1500 CUI-VLED15-120-1500 Datasheet
281Kb / 5P
   LED DRIVER
09/16/2013
More results

Similar Description - VLED15-120-1500

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com