Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV25T180J Datasheet(PDF) 8 Page - TDK Electronics

Part # NLV25T180J
Description  Inductors for Standard Circuits Wound Ferrite
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T180J Datasheet(HTML) 8 Page - TDK Electronics

Back Button NLV25T180J Datasheet HTML 4Page - TDK Electronics NLV25T180J Datasheet HTML 5Page - TDK Electronics NLV25T180J Datasheet HTML 6Page - TDK Electronics NLV25T180J Datasheet HTML 7Page - TDK Electronics NLV25T180J Datasheet HTML 8Page - TDK Electronics NLV25T180J Datasheet HTML 9Page - TDK Electronics NLV25T180J Datasheet HTML 10Page - TDK Electronics NLV25T180J Datasheet HTML 11Page - TDK Electronics NLV25T180J Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
(7/13)
INDUC
T
O
RS
001-01 / 20130516 / e511_nlv.fm
• All specifications are subject to change without notice.
NLV series 
NLV25 Type
ELECTRICAL CHARACTERISTICS
Q FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
10
20
30
40
50
60
0.1
1
10
100
1000
Frequency(MHz)
056J
047J
033J
039J
027J
018J
015J
012J
010J
022J
068J
082J
R10J
R12J
R15J
R18J
R22J
R27J
R33J
R68J
1R0J
1R2J
2R7J
R47J
R56J
R82J
1R5J
2R2J
3R3J
4R7J
150J
180J
6R8J
8R2J
5R6J
100J
120J
3R9J
820J
101J
220J
270J
330J
390J
470J
560J
1R8J
680J
R39J
Product No.
Manufacturer
4291A
Agilent Technologies
4294A
Agilent Technologies


Similar Part No. - NLV25T180J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T TDK-NLV25T Datasheet
52Kb / 2P
   For Power Line SMD
NLV25T-010J-EF TDK-NLV25T-010J-EF Datasheet
145Kb / 3P
   Inductors (Coils)
NLV25T-010J-EFD TDK-NLV25T-010J-EFD Datasheet
196Kb / 3P
   Inductors (Coils)
NLV25T-010J-PF TDK-NLV25T-010J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-010J-PF TDK-NLV25T-010J-PF Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV25T180J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV32T-022J-PFD TDK-NLV32T-022J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232 TDK-NL453232 Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com