Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603S30NT Datasheet(PDF) 8 Page - TDK Electronics

Part # MLG0603S30NT
Description  Inductors for High Frequency Multilayer Ceramic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S30NT Datasheet(HTML) 8 Page - TDK Electronics

Back Button MLG0603S30NT Datasheet HTML 4Page - TDK Electronics MLG0603S30NT Datasheet HTML 5Page - TDK Electronics MLG0603S30NT Datasheet HTML 6Page - TDK Electronics MLG0603S30NT Datasheet HTML 7Page - TDK Electronics MLG0603S30NT Datasheet HTML 8Page - TDK Electronics MLG0603S30NT Datasheet HTML 9Page - TDK Electronics MLG0603S30NT Datasheet HTML 10Page - TDK Electronics MLG0603S30NT Datasheet HTML 11Page - TDK Electronics MLG0603S30NT Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
(7/23)
INDUC
T
O
RS
001-01 / 20130531 / e521_mlg.fm
• All specifications are subject to change without notice.
MLGseries 
MLG0603S Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
The " △ " of the Part Number contains the inductance tolerance code, B(±0.1nH), C(±0.2nH), S(±0.3nH), H(±3%) or J(±5%).
Please contact us for information on inductance tolerance, G (±2%).
 The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
0.3
0.3
0.3
0.3
0.3
14min.
18min.
29min.
32min.
35min.
MLG0603S0N3
△T□□□
0.4
0.4
0.4
0.4
0.4
14min.
18min.
29min.
32min.
35min.
MLG0603S0N4
△T□□□
0.5
0.5
0.5
0.5
0.5
14
18
29
32
35
MLG0603S0N5
△T□□□
0.6
0.6
0.5
0.5
0.5
16
20
33
34
39
MLG0603S0N6
△T□□□
0.7
0.6
0.6
0.6
0.6
16
21
33
35
39
MLG0603S0N7
△T□□□
0.7
0.7
0.7
0.7
0.7
15
20
32
34
38
MLG0603S0N8
△T□□□
0.8
0.8
0.8
0.8
0.8
15
19
30
32
35
MLG0603S0N9
△T□□□
0.9
0.9
0.9
0.9
0.9
14
18
29
30
34
MLG0603S1N0
△T□□□
1.0
1.0
1.0
1.0
1.0
14
19
29
31
34
MLG0603S1N1
△T□□□
1.1
1.1
1.1
1.1
1.1
14
18
29
30
34
MLG0603S1N2
△T□□□
1.2
1.2
1.2
1.2
1.2
14
18
29
30
33
MLG0603S1N3
△T□□□
1.4
1.4
1.4
1.4
1.4
15
19
29
30
34
MLG0603S1N5
△T□□□
1.5
1.5
1.5
1.5
1.5
14
18
29
30
33
MLG0603S1N6
△T□□□
1.7
1.7
1.7
1.7
1.7
15
19
29
30
33
MLG0603S1N8
△T□□□
1.9
1.9
1.9
1.9
1.9
14
18
28
29
32
MLG0603S2N0
△T□□□
2.1
2.0
2.1
2.1
2.1
14
18
27
28
31
MLG0603S2N2
△T□□□
2.2
2.2
2.2
2.3
2.3
14
18
27
29
32
MLG0603S2N4
△T□□□
2.5
2.5
2.6
2.6
2.7
15
19
28
29
31
MLG0603S2N7
△T□□□
2.8
2.8
2.9
2.9
3.0
15
19
29
31
33
MLG0603S3N0
△T□□□
3.1
3.1
3.2
3.3
3.4
15
19
28
29
31
MLG0603S3N3
△T□□□
3.4
3.4
3.5
3.6
3.7
14
18
26
27
29
MLG0603S3N6
△T□□□
3.7
3.7
3.8
3.9
4.1
15
19
29
29
32
MLG0603S3N9
△T□□□
4.1
4.1
4.3
4.4
4.6
14
18
27
27
29
MLG0603S4N3
△T□□□
4.4
4.4
4.8
4.9
5.2
15
20
28
29
30
MLG0603S4N7
△T□□□
4.8
4.8
5.1
5.3
5.6
14
18
25
26
27
MLG0603S5N1
△T□□□
5.3
5.3
5.7
5.9
6.4
16
20
27
28
29
MLG0603S5N6
△T□□□
5.9
5.9
6.5
6.8
7.5
15
18
25
25
26
MLG0603S6N2
△T□□□
6.4
6.5
7.4
7.8
8.7
15
19
26
26
25
MLG0603S6N8
△T□□□
7.1
7.1
7.8
8.0
8.7
14
18
25
26
26
MLG0603S7N5
△T□□□
7.8
7.8
8.8
9.3
10.4
15
18
24
24
24
MLG0603S8N2
△T□□□
8.6
8.6
9.8
10.3
11.5
14
17
22
22
22
MLG0603S9N1
△T□□□
10
10
12
12
15
15
18
23
22
21
MLG0603S10N
△T□□□
10
11
13
14
16
15
18
22
22
20
MLG0603S11N
△T□□□
11
12
14
15
19
16
19
24
23
20
MLG0603S12N
△T□□□
12
13
16
17
22
14
16
19
18
15
MLG0603S13N
△T□□□
14
15
20
23
33
15
19
20
18
14
MLG0603S15N
△T□□□
15
16
22
25
37
14
16
16
15
11
MLG0603S16N
△T□□□
17
18
28
35
14
17
15
13
MLG0603S18N
△T□□□
19
20
32
13
16
14
MLG0603S20N
△T□□□
21
23
40
15
17
13
MLG0603S22N
△T□□□
23
24
45
13
15
13
MLG0603S24N
△T□□□
27
29
15
17
MLG0603S27N
△T□□□
29
32
13
15
MLG0603S30N
△T□□□
33
36
14
16
MLG0603S33N
△T□□□
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLG0603S30NT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S30NHT000 TDK-MLG0603S30NHT000 Datasheet
152Kb / 14P
   Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
MLG0603S30NHT000 TDK-MLG0603S30NHT000 Datasheet
131Kb / 3P
   Inductors (Coils)
MLG0603S30NHT000 TDK-MLG0603S30NHT000_17 Datasheet
131Kb / 3P
   Inductors (Coils)
MLG0603S30NHTD25 TDK-MLG0603S30NHTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S30NHTD25 TDK-MLG0603S30NHTD25 Datasheet
131Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S30NT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com