Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4212IM8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KM4212IM8
Description  Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4212IM8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KM4212IM8 Datasheet HTML 1Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 2Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 3Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 4Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 5Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 6Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 7Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 8Page - Fairchild Semiconductor KM4212IM8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
I
70
µA supply current
I
7.3MHz bandwidth
I
Fully specified at +2.7V and +5V supplies
I
Output voltage range: 0.04V to 4.96V; Vs = +5
I
Input voltage range: -0.3V to +3.8V; Vs = +5
I
9V/
µs slew rate
I
±4mA linear output current
I
±9mA short circuit output current
I
29nV/
√Hz input voltage noise
I
Competes with low power CMOS amps
I
Small package options (SOIC-8 and MSOP-8)
Applications
I
Portable/battery-powered applications
I
A/D buffer
I
Active filters
I
Signal conditioning
I
Portable test instruments
General Description
The KM4212 is an ultra-low power, low cost, voltage
feedback amplifier. The KM4212 uses only 70
µA of
supply current and is designed to operate on +2.7V,
+5V, or ±2.5V supplies. The input voltage range
extends 300mV below the negative rail and 1.2V
below the positive rail.
The KM4212 offers high bipolar performance at a low
CMOS price. The KM4212 offers superior dynamic
performance with a 7.3MHz small signal bandwidth
and 9V/
µs slew rate. The combination of low power,
high bandwidth, and rail-to-rail performance make
the KM4212 well suited for battery-powered commu-
nication/computing systems.
The KM4112 single amplifier is also available.
KM4212
Dual, 70
µA, Low Cost, +2.7V & +5V, 7.3MHz Rail-to-Rail Amp
www.fairchildsemi.com
REV. 1 August 2001
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.01
0.1
1
10
G = 2
Rf = 10kΩ
KM4212 Packages
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC-8
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP-8


Similar Part No. - KM4212IM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

Similar Description - KM4212IM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com