Selected language     English  ▼


4-1415410-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1415410-8
Description  General Purpose Relays PCB Relays
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 16A, 1 form X, double make, bridging contact
n
Contact gap >3mm
n
Switching capacity 4000VA
n
Coil power 360mW
n
4kV/8mm coil-contact, insulation to VDE 0631 and 0700
n
Ambient temperature 85°C; max. 105° at 10A
n
Quick connect terminals for load side
n
Materials in accordance to IEC 60335-1
Typical applications
Washing machines, tumble dryers, absolute safe power supply
disconnection in other domestic applications
Approvals
VDE REG.-Nr. 6198, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form X, double make (NO)
Contact gap
>3mm/full disconnection
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting making current, max. 4s, duty factor 10%
20A
Breaking capacity max.
4000VA
Contact material
AgNi
Contact style
single contact, bridging contact
Frequency of operation, with/without load
600/36000h-1
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
410 83
A (NO)
16A, 250VAC resistive, 85°C
30x103
410 83
A (NO)
10A, 250VAC resistive, 105°C
100x103
410 83
A (NO)
10A, 400VAC resistive, 105°C
100x103
Mechanical endurance
>1x106 operations
Coil Data
Coil voltage range
6 to 60VDC
Operative range, IEC 61810
1
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
053
9
5.9
0.68
230
360
054
6
3.9
0.45
100
360
050
12
7.9
0.9
400
360
046
24
15.8
1.8
1600
360
043
48
31.6
3.6
6400
360
042
60
39.5
4.5
10000
360
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
2000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Power Relay 41083 3mm
F0248-BB
Z
V




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl