Selected language     English  ▼


9-1440003-0 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 9-1440003-0
Description  Miniature PCB Relay PCH
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
04-2012, Rev. 0412
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
OEG
General Purpose Relays
PCB Relays
Miniature PCB Relay PCH (Continued)
Product code
Coil
Sensitivity
Cont.material Arrangement
Enclosure
Insulation
Part number
PCH-105D2H,000
5VDC
Standard
AgSnO2
1 form C (CO)
Wash tight
Class F
9-1440003-0
PCH-105L2M,000
Sensitive
1 form A (NO)
Flux proof
1461352-2
PCH-105L2MH,000
Wash tight
1461353-2
PCH-105L2M-WG
Flux proof
Cl. F, IEC 60335-1
1721768-2
PCH-106D2,000
6VDC
Standard
1 form C (CO)
Class F
9-1440003-8
PCH-109D2H,000
9VDC
Wash tight
9-1440003-2
PCH-112D2,000
12VDC
Flux proof
1440004
PCH-112D2H,000
Wash tight
9-1440003-3
PCH-112D2M,000
1 form A (NO)
Flux proof
1461350-5
PCH-112D2M-WG
Cl. F, IEC 60335-1
1721767-5
PCH-112D2-WG
1 form C (CO)
1721766-5
PCH-112L2M,000
Sensitive
1 form A (NO)
Class F
1461352-5
PCH-112L2MH,000
Wash tight
1461353-5
PCH-112L2M-WG
Flux proof
Cl. F, IEC 60335-1
1721768-5
PCH-124D2,000
24VDC
Standard
1 form C (CO)
Class F
1440004-1
PCH-124D2H,000
Wash tight
9-1440003-5
PCH-124D2M,000
1 form A (NO)
Flux proof
1461350-6
PCH-124D2MH,000
Wash tight
1461351-6
PCH-124L2M,000
Sensitive
Flux proof
1461352-6
PCH-124L2MH,000
Wash tight
1461353-6
PCH-124L2M-WG
Flux proof
Cl. F, IEC 60335-1
1721768-6
PCH-148D2,000
48VDC
Standard
1 form C (CO)
Class F
1461410-2
Product code structure
Typical product code
PCH
-1
12
D
2
H
,000
Type
PCH Miniature PCB Relay PCH
Number of poles
1
1 pole
Coil voltage
Coil code: please refer to coil versions table (e.g. 05=5VDC)
Coil sensitivity
D Standard 400mW
L
200mW (for 1 form A contact only)
Contact material
2
AgSnO
Contact arrangement
Blank 1 form C (CO) contact
M 1 form A (NO) contact
Category of protection
Blank Flux proof, vented cover
H Wash tight, sealed plastic cover
Insulation system designation
Blank Class F system
WG Class F system and for domestic appliances (IEC 60335-1, 4 Edition);
Suffix
,000
Standard type
Other types on request




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl