Selected language     English  ▼


8-1415536-8 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 8-1415536-8
Description  General Purpose Relays PCB Relays
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power Relay 41083 3mm (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
WG version
according EN60335-1, par.30
Ambient temperature
-20 to +85°C
max. +105°C at 10A
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional),
form A (NO), 10 to 500Hz
10g
Shock resistance (destructive)
100g
Terminal type
PCB-THT, quick connect for load side
Weight
24g
Resistance to soldering heat THT
IEC 60068-2-20, flux proof version
270°C/10s
Packaging/unit
tray/75 pcs., box/1050 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 form X, double make contact
S0256-CA
S0256-CD
S0282-AB
Product code structure
Typical product code
041083
050
001
WG
Type
41083
Power Relay 410 83 3 mm
Coil
Coil code: please refer to coil versions table
Version
001
1 form X. double make (NO) contact
Version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Other types on request
Product code
Contact arrangement Contact material
Coil
Version
Part Number
0410 83 046 001
1 form X
AgNi
24VDC
Standard
4-1415410-8
0410 83 046 001WG
double make (NO)
IEC60335-1 compliant
8-1415536-6
0410 83 050 001WG
3mm contact gap
12VDC
8-1415536-7
0410 83 053 001WG
9VDC
8-1415536-8
0410 83 054 001WG
6VDC
8-1415536-9
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl