Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG1005S2N0T Datasheet(PDF) 6 Page - TDK Electronics

Part # MLG1005S2N0T
Description  Inductors for High Frequency Multilayer Ceramic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S2N0T Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLG1005S2N0T Datasheet HTML 2Page - TDK Electronics MLG1005S2N0T Datasheet HTML 3Page - TDK Electronics MLG1005S2N0T Datasheet HTML 4Page - TDK Electronics MLG1005S2N0T Datasheet HTML 5Page - TDK Electronics MLG1005S2N0T Datasheet HTML 6Page - TDK Electronics MLG1005S2N0T Datasheet HTML 7Page - TDK Electronics MLG1005S2N0T Datasheet HTML 8Page - TDK Electronics MLG1005S2N0T Datasheet HTML 9Page - TDK Electronics MLG1005S2N0T Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
(5/23)
INDUC
T
O
RS
001-01 / 20130531 / e521_mlg.fm
• All specifications are subject to change without notice.
MLGseries 
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, B(±0.1nH), C(±0.2nH), S(±0.3nH), H(±3%) or J(±5%).
Please contact us for information on inductance tolerance, G (±2%).
 The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
 )
Rated current
(mA)
max.
Part No.
(nH)
Tolerance
min.
typ.
max.
typ.
0.3
±0.1, ±0.2nH
100
10.0
20 up
0.1
0.02
600
MLG0603S0N3
△T□□□
0.4
±0.1, ±0.2nH
100
10.0
20 up
0.1
0.02
600
MLG0603S0N4
△T□□□
0.5
±0.1, ±0.2nH
100
10.0
20 up
0.1
0.02
600
MLG0603S0N5
△T□□□
0.6
±0.1, ±0.2nH
100
10.0
20 up
0.1
0.02
600
MLG0603S0N6
△T□□□
0.7
±0.1, ±0.2nH
100
10.0
16.3
0.1
0.02
600
MLG0603S0N7
△T□□□
0.8
±0.1, ±0.2nH
100
10.0
16.1
0.1
0.03
600
MLG0603S0N8
△T□□□
0.9
±0.1, ±0.2nH
100
10.0
13.8
0.1
0.03
600
MLG0603S0N9
△T□□□
1.0
±0.1, ±0.2, 0.3nH
4
100
10.0
14.4
0.1
0.04
600
MLG0603S1N0
△T□□□
1.1
±0.1, ±0.2, 0.3nH
4
100
10.0
13.6
0.15
0.04
550
MLG0603S1N1
△T□□□
1.2
±0.1, ±0.2, 0.3nH
4
100
10.0
12.3
0.15
0.06
550
MLG0603S1N2
△T□□□
1.3
±0.1, ±0.2, 0.3nH
4
100
9.0
11.4
0.15
0.07
550
MLG0603S1N3
△T□□□
1.5
±0.1, ±0.2, 0.3nH
4
100
9.0
10.4
0.15
0.07
550
MLG0603S1N5
△T□□□
1.6
±0.1, ±0.2, 0.3nH
4
100
9.0
11.5
0.2
0.09
500
MLG0603S1N6
△T□□□
1.8
±0.1, ±0.2, 0.3nH
4
100
8.5
10.0
0.2
0.12
500
MLG0603S1N8
△T□□□
2.0
±0.1, ±0.2, 0.3nH
4
100
8.2
9.8
0.25
0.14
400
MLG0603S2N0
△T□□□
2.2
±0.1, ±0.2, 0.3nH
4
100
8.0
8.9
0.25
0.14
400
MLG0603S2N2
△T□□□
2.4
±0.1, ±0.2, 0.3nH
4
100
8.0
9.2
0.25
0.15
300
MLG0603S2N4
△T□□□
2.7
±0.1, ±0.2, 0.3nH
4
100
6.5
8.1
0.25
0.15
300
MLG0603S2N7
△T□□□
3.0
±0.1, ±0.2, 0.3nH
4
100
6.2
7.8
0.3
0.20
300
MLG0603S3N0
△T□□□
3.3
±0.1, ±0.2, 0.3nH
4
100
5.8
7.0
0.35
0.23
300
MLG0603S3N3
△T□□□
3.6
±0.1, ±0.2, 0.3nH
4
100
5.5
6.9
0.35
0.22
300
MLG0603S3N6
△T□□□
3.9
±0.1, ±0.2, 0.3nH
5
100
5.0
6.6
0.4
0.27
300
MLG0603S3N9
△T□□□
4.3
±3%, ±0.3nH
5
100
5.0
6.4
0.4
0.27
300
MLG0603S4N3
△T□□□
4.7
±3%, ±0.3nH
5
100
4.5
5.4
0.45
0.28
300
MLG0603S4N7
△T□□□
5.1
±3%, ±0.3nH
5
100
4.5
5.5
0.45
0.23
250
MLG0603S5N1
△T□□□
5.6
±3%, ±0.3nH
5
100
4.2
5.3
0.5
0.31
250
MLG0603S5N6
△T□□□
6.2
±3%, ±0.3nH
5
100
4.2
5.1
0.55
0.32
250
MLG0603S6N2
△T□□□
6.8
±3, ±5%
5
100
3.6
4.4
0.6
0.32
250
MLG0603S6N8
△T□□□
7.5
±3, ±5%
5
100
4.2
5.3
0.7
0.43
200
MLG0603S7N5
△T□□□
8.2
±3, ±5%
5
100
3.8
4.5
0.7
0.45
200
MLG0603S8N2
△T□□□
9.1
±3, ±5%
5
100
3.4
4.9
0.8
0.51
200
MLG0603S9N1
△T□□□
10
±3, ±5%
5
100
3.2
4.1
0.8
0.53
200
MLG0603S10N
△T□□□
11
±3, ±5%
6
100
3.0
3.7
0.8
0.53
200
MLG0603S11N
△T□□□
12
±3, ±5%
6
100
2.8
3.6
0.9
0.63
180
MLG0603S12N
△T□□□
13
±3, ±5%
6
100
2.7
3.4
0.9
0.60
180
MLG0603S13N
△T□□□
15
±3, ±5%
6
100
2.5
3.3
1.1
0.69
180
MLG0603S15N
△T□□□
16
±3, ±5%
6
100
2.3
3.0
1.1
0.70
180
MLG0603S16N
△T□□□
18
±3, ±5%
6
100
2.2
2.8
1.2
0.78
150
MLG0603S18N
△T□□□
20
±3, ±5%
6
100
2.1
2.6
1.2
0.75
150
MLG0603S20N
△T□□□
22
±3, ±5%
6
100
2.0
2.5
1.2
0.88
150
MLG0603S22N
△T□□□
24
±3, ±5%
6
100
1.9
2.3
1.3
0.90
150
MLG0603S24N
△T□□□
27
±3, ±5%
6
100
1.8
2.2
1.5
1.00
100
MLG0603S27N
△T□□□
30
±3, ±5%
6
100
1.6
2.0
1.6
0.95
100
MLG0603S30N
△T□□□
33
±3, ±5%
6
100
1.6
2.0
1.8
1.20
100
MLG0603S33N
△T□□□
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG1005S2N0T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S2N0BT TDK-MLG1005S2N0BT Datasheet
78Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1005S2N0BT000 TDK-MLG1005S2N0BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S2N0BT000 TDK-MLG1005S2N0BT000 Datasheet
130Kb / 3P
   Inductors (Coils)
MLG1005S2N0BT000 TDK-MLG1005S2N0BT000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
MLG1005S2N0BTD25 TDK-MLG1005S2N0BTD25 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG1005S2N0T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com