Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV32T2R2J Datasheet(PDF) 4 Page - TDK Electronics

Part # NLV32T2R2J
Description  Inductors for Standard Circuits Wound Ferrite
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T2R2J Datasheet(HTML) 4 Page - TDK Electronics

  NLV32T2R2J Datasheet HTML 1Page - TDK Electronics NLV32T2R2J Datasheet HTML 2Page - TDK Electronics NLV32T2R2J Datasheet HTML 3Page - TDK Electronics NLV32T2R2J Datasheet HTML 4Page - TDK Electronics NLV32T2R2J Datasheet HTML 5Page - TDK Electronics NLV32T2R2J Datasheet HTML 6Page - TDK Electronics NLV32T2R2J Datasheet HTML 7Page - TDK Electronics NLV32T2R2J Datasheet HTML 8Page - TDK Electronics NLV32T2R2J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(3/13)
INDUC
T
O
RS
001-01 / 20130516 / e511_nlv.fm
• All specifications are subject to change without notice.
Overview of the NLV Series
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
90 to 120s
230°C
40s
255°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - NLV32T2R2J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-010J-EF TDK-NLV32T-010J-EF Datasheet
147Kb / 3P
   Inductors (Coils)
NLV32T-010J-EFD TDK-NLV32T-010J-EFD Datasheet
199Kb / 3P
   Inductors (Coils)
NLV32T-010J-PF TDK-NLV32T-010J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NLV32T-010J-PF TDK-NLV32T-010J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV32T-010J-PFD TDK-NLV32T-010J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV32T2R2J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV32T-022J-PFD TDK-NLV32T-022J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232 TDK-NL453232 Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com