Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLCF5020T-101MR27 Datasheet(PDF) 11 Page - TDK Electronics

Part # VLCF5020T-101MR27
Description  Inductors for Power Circuits Wound Ferrite
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLCF5020T-101MR27 Datasheet(HTML) 11 Page - TDK Electronics

Back Button VLCF5020T-101MR27 Datasheet HTML 7Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 8Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 9Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 10Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 11Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 12Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 13Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 14Page - TDK Electronics VLCF5020T-101MR27 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
(11/41)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlcf_en.fm
• All specifications are subject to change without notice.
VLCF series 
VLCF4020 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
1000
100
0.01
0.1
1
10
100
Frequency(MHz)
150M
220M
270M
330M
470M
101M
1R8N
2R2N
3R3N
4R7N
6R8N
100M
Product No.
Manufacturer
4294A
Agilent Technologies


Similar Part No. - VLCF5020T-101MR27

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020T-101MR27 TDK-VLCF5020T-101MR27 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - VLCF5020T-101MR27

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com