Electronic Components Datasheet Search
Selected language     English  ▼


0-1462000-7 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 0-1462000-7
Description  MT2 Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 7 page
background image
General data
Operate time at U
nom typ. / max.
Release time without diode in parallel (non-latching), typ. / max.
Release time with diode in parallel (non-latching), typ. / max.
Bounce time at closing contact, typ. / max.
Maximum switching rate without load
Ambient temperature
Thermal resistance
Maximum permissible coil temperature
Vibration resistance (function)
Shock resistance, half sinus, 11 ms
Degree of protection
Needle flame test
Mounting position
Processing information
Weight (mass)
Terminal surface
Resistance to soldering heat
4 ms / 5 ms
1 ms / 3 ms
4 ms / 6 ms
1 ms / 5 ms
50 operations/s
-55° C ... +85° C
< 85 K/W
115° C
10 G
10 to 500 Hz
10 G / 30 G (function)
30 G (damage)
immersion cleanable, IP 67
application time 10 s,
any
Ultrasonic cleaning is not recommended
max. 5 g
SnCu 0.7
260° C / 10 s
All data refers to 23° C unless otherwise specified.
MT2 Relay
Tube for THT version - 25 relays per stick, 1’000 relays per box
Packing
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
RF Characteristics
Isolation at 100 / 900 MHz
Insertion loss at 100 / 900 MHz
V.S.W.R. at 100 / 900 MHz
max. 4 pF
max. 2 pF
max. 2 pF
- 31.8 dB / - 14.2 dB
- 0.02 dB / - 0.97 dB
1.03 / 1.31
High Frequency Data
Page 7 (9)
108-98006 Rev. C
Dimensions in mm




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl