Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERG12S Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ERG12S
Description  Metal (Oxide) Film Re sis tors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERG12S Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ERG12S Datasheet HTML 1Page - Panasonic Semiconductor ERG12S Datasheet HTML 2Page - Panasonic Semiconductor ERG12S Datasheet HTML 3Page - Panasonic Semiconductor ERG12S Datasheet HTML 4Page - Panasonic Semiconductor ERG12S Datasheet HTML 5Page - Panasonic Semiconductor ERG12S Datasheet HTML 6Page - Panasonic Semiconductor ERG12S Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors
A
B
Measuring position
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
1S-A
1S-B
12S-A
12S-B
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
2F-A
2S-A
2S-B
2F-B
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
3F-A
3S-A
3S-B
3F-B
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
5F-A
5S-A
5S-B
5F-B
Hot-spot Temperature (for Reference)
The temperature of the resistor body increases with the curve below. A touching vinyl wire may cause damages
to resistor element. Do not place vinyl wires around resistors and be sure to consider where the resistors will be
placed.
Safety Precautions
The following are precautions for individual products. Please also refer to the common precautions for Fixed Resistors
shown on this catalog.
1. Transient voltage
If there is a possibility that the transient phenomenon (significantly high voltage applied in a short time) may
occur or that a high voltage pulse may be applied, make sure to evaluate and check the characteristics of
Metal(Oxide) Film Resistors (hereafter called the resistors) mounted on your product rather than only depending
on the calculated power limit or steady-state conditions to complete the design or decide to use the resistors.
2. The resistors are covered with a special coating. Do not apply shock or vibration to them, or pinch them with
long-nose pliers. Otherwise, the resistors may be damaged.
3. Do not apply excessive tension to the lead-connected sections. When bending the lead wire, do not apply
excessive stress to the resistors and provide the wire with a natural curvature.
4. Do not brush the resistors during or after the cleaning process, which may be conducted after soldering.
Otherwise, the coating film may be damaged.
Aug. 2012
01
55


Similar Part No. - ERG12S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG12S PANASONIC-ERG12S Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results

Similar Description - ERG12S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-1SJ3R3 PANASONIC-ERX-1SJ3R3 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
   Carbon Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com