Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXC-28BB221U Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EXC-28BB221U
Description  Chip Bead Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC-28BB221U Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EXC-28BB221U Datasheet HTML 1Page - Panasonic Semiconductor EXC-28BB221U Datasheet HTML 2Page - Panasonic Semiconductor EXC-28BB221U Datasheet HTML 3Page - Panasonic Semiconductor EXC-28BB221U Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Chip Bead Array
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
87
6
5
12
3
4
87
6
5
12
3
4
t1
t2
D0
P1
P2
P0
A
f
Chip component
Sprocket hole
Compartment
Tape running direction
E
T
W
fD
fC
fA
● Taping Reel
● Embossed Carrier Taping
Standard Reel Dimensions (mm)
Embossed Carrier Dimensions (mm)
Part Number
Kind of Taping
Pitch (P
1)Quantity
EXC28B
□□□□U
Embossed Carrier Taping
4 mm
5000 pcs./reel
Packaging Methods (Taping)
● Standard Quantity
Part Number
A
B
W
F
E
P
1
P
2
P
0
0D
0
t
1
t
2
EXC28B
□□□□U 1.20±0.15 2.25±0.15 8.0±0.2
3.5±0.1
1.75±0.10
4.0±0.1
2.0±0.1
4.0±0.1
1.5±0.1 0.25±0.05 0.90±0.15
Part Number
0A
0B
0C
0DE
W
T
EXC28B
□□□□U
180–3.0
60.0±1.0
13.0±0.5
21.0±0.8
2.0±0.5
9.0±0.3
11.4±1.5
0
Circuit Configuration(No Polarity)
Nov. 2012
02
41


Similar Part No. - EXC-28BB221U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC-24CB102U PANASONIC-EXC-24CB102U Datasheet
120Kb / 4P
   2 mode Noise Filters
EXC-24CE900U PANASONIC-EXC-24CE900U Datasheet
81Kb / 2P
   Common mode Noise Filters
EXC-24CP221U PANASONIC-EXC-24CP221U Datasheet
116Kb / 4P
   2 mode Noise Filters
More results

Similar Description - EXC-28BB221U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC28BA121U PANASONIC-EXC28BA121U Datasheet
175Kb / 5P
   Chip Bead Array
logo
Bourns Electronic Solut...
MA3216_MDS BOURNS-MA3216_MDS Datasheet
65Kb / 1P
   Chip Bead Array
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
   Chip Array Ferrite Bead
Revision: 16-Jan-06
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
   Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
   MULTILAYER CHIP BEAD ARRAY
08.07.07
ACBA ABRACON-ACBA Datasheet
77Kb / 1P
   SURFACE-MOUNT CHIP BEAD ARRAY
logo
KOA Speer Electronics, ...
FBA1J4AL KOA-FBA1J4AL Datasheet
111Kb / 8P
   Multilayer Ferrite Chip Bead Array
logo
Taiyo Yuden (U.S.A.), I...
BK20104L680-T TAIYO-YUDEN-BK20104L680-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164S121-T TAIYO-YUDEN-BK32164S121-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164S241-T TAIYO-YUDEN-BK32164S241-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com