Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQP7L01K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQP7L01K
Description  3.5 mm2.9 mm Side-operational SMD Light Touch Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP7L01K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQP7L01K Datasheet HTML 1Page - Panasonic Semiconductor EVQP7L01K Datasheet HTML 2Page - Panasonic Semiconductor EVQP7L01K Datasheet HTML 3Page - Panasonic Semiconductor EVQP7L01K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Light Touch Switches/EVQP7/P3/9P7
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES95 –
Mounting Height
1.35 mm
7th & 8th
01
Push Plate Color
Black
9th
K
E
1
V
2
Q
3456789
4th, 5th, 6th
01
K
Type
P7
P3
9P7
· Terminal Type
· With Ground Terminal, Without Ground Terminal
· With Boss, Without Boss
· Operating Force
Type
Snap action / Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 50 mA 12 Vdc (Resistive load)
Contact Resistance
500 m
max.
Insulation Resistance
100 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac (1 minute)
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
1.6 N, 2.2 N
Push Travel
0.2 mm
Push Strength
30 N (1 minute)
EnduranceOperating Life
100000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
5000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
25000 pcs.
Specifications
3.5 mm 2.9 mm Side-operational SMD
Light Touch Switches
Type:
EVQP7/EVQP3/EVQ9P7
Explanation of Part Numbers
Features
External dimensions : 3.5 mm 2.9 mm, Height 1.35 mm
A wide range of terminal type : L-shape, J-bent, Straight
High mount ability
Push plate strength enhanced type
Recommended Applications
Operation switches for portable electronic equipment
(Mobile phones, Digital still cameras, Camcorders,
Portable audio players, etc.)
Oct. 2012
00


Similar Part No. - EVQP7L01K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP7L01K PANASONIC-EVQP7L01K Datasheet
143Kb / 4P
   Light Touch Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com