Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG1005S43NT Datasheet(PDF) 7 Page - TDK Electronics

Part # MLG1005S43NT
Description  Inductors for High Frequency Multilayer Ceramic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S43NT Datasheet(HTML) 7 Page - TDK Electronics

Back Button MLG1005S43NT Datasheet HTML 3Page - TDK Electronics MLG1005S43NT Datasheet HTML 4Page - TDK Electronics MLG1005S43NT Datasheet HTML 5Page - TDK Electronics MLG1005S43NT Datasheet HTML 6Page - TDK Electronics MLG1005S43NT Datasheet HTML 7Page - TDK Electronics MLG1005S43NT Datasheet HTML 8Page - TDK Electronics MLG1005S43NT Datasheet HTML 9Page - TDK Electronics MLG1005S43NT Datasheet HTML 10Page - TDK Electronics MLG1005S43NT Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
(6/23)
INDUC
T
O
RS
001-01 / 20130531 / e521_mlg.fm
• All specifications are subject to change without notice.
MLGseries 
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, B(±0.1nH), C(±0.2nH), S(±0.3nH), H(±3%) or J(±5%).
Please contact us for information on inductance tolerance, G (±2%).
 The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
 )
Rated current
(mA)
max.
Part No.
(nH)
Tolerance
min.
typ.
max.
typ.
36
±3, ±5%
6
100
1.5
1.8
2.0
1.68
50
MLG0603S36N
△T□□□
39
±3, ±5%
6
100
1.4
1.6
2.0
1.40
50
MLG0603S39N
△T□□□
43
±3, ±5%
6
100
1.3
1.6
2.2
1.91
50
MLG0603S43N
△T□□□
47
±3, ±5%
6
100
1.3
1.5
2.2
1.48
50
MLG0603S47N
△T□□□
51
±3, ±5%
5
100
1.2
1.5
2.8
1.98
50
MLG0603S51N
△T□□□
56
±3, ±5%
5
100
1.2
1.4
3.2
2.11
50
MLG0603S56N
△T□□□
62
±3, ±5%
5
100
1.1
1.3
3.3
2.22
50
MLG0603S62N
△T□□□
68
±3, ±5%
5
100
1.05
1.24
3.5
2.40
50
MLG0603S68N
△T□□□
75
±3, ±5%
5
100
0.95
1.17
3.8
2.67
50
MLG0603S75N
△T□□□
82
±3, ±5%
5
100
0.90
1.08
4.0
2.80
50
MLG0603S82N
△T□□□
91
±3, ±5%
5
100
0.77
0.94
4.3
2.97
50
MLG0603S91N
△T□□□
100
±3, ±5%
5
100
0.77
0.94
4.5
3.13
50
MLG0603SR10
△T□□□
110
±3, ±5%
5
100
0.77
0.94
6.5
5.24
50
MLG0603SR11
△T□□□
120
±3, ±5%
5
100
0.70
0.88
7.0
5.53
50
MLG0603SR12
△T□□□
130
±3, ±5%
5
100
0.67
0.84
7.3
5.68
50
MLG0603SR13
△T□□□
150
±3, ±5%
5
100
0.64
0.77
8.0
6.24
50
MLG0603SR15
△T□□□
160
±3, ±5%
5
100
0.60
0.73
8.3
6.67
50
MLG0603SR16
△T□□□
180
±3, ±5%
5
100
0.56
0.68
8.5
6.99
50
MLG0603SR18
△T□□□
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG1005S43NT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S43NHT000 TDK-MLG1005S43NHT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S43NHT000 TDK-MLG1005S43NHT000 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG1005S43NHT000 TDK-MLG1005S43NHT000_17 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG1005S43NHTD25 TDK-MLG1005S43NHTD25 Datasheet
236Kb / 3P
   Inductors (Coils)
MLG1005S43NJT000 TDK-MLG1005S43NJT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results

Similar Description - MLG1005S43NT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com